Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8121IRZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL8121IRZ
Description  3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8121IRZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL8121IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 15Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 16Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ISL8121
FN6352 Rev 2.00
Page 13 of 26
October 27, 2009
The differential amplifier can be used even if remote
output sensing is not desired or not feasible, simply
connect VSEN- to the local ground and connect VSEN+ to
the output voltage being monitored. Should one desire to
bypass the differential amplifier, the circuit in Figure 9 is
recommended as the proper implementation. Since its
output is monitored for OVP and PGD purposes, the
differential amplifier needs to be connected to the
feedback circuit at all times, hence its input connections
to FB and local ground. However, its output, VDIFF, can
be left open. The resistor divider setting the output
voltage is calculated in a manner identical to that already
revealed.
DIFFERENTIAL AMPLIFIER’S UNITY GAIN
NETWORK
The differential amplifier on the ISL8121 utilizes a typical
resistive network along with active compensating
circuitry to set its unity gain. This resistive network can
affect the DC regulation setpoint in proportion to its
relative magnitude compared to the external output
voltage setting resistor divider. Figure 10 details the
internal resistive network. For minimal impact on the
output voltage setting, follow the guidelines presented in
“Setting the Output Voltage” on page 12.
EXTERNAL REFERENCE OPERATION
The ISL8121 is capable of accepting an external voltage
and using it as a reference for its output regulation. To
enable this mode of operation, the VMON pin potential
has to be below 3.5V and the reference voltage has to be
connected to the REFTRK pin. The internal or external
reference mode of operation is latched in every time the
POR is released or the ISL8121 is enabled. The highest
magnitude external reference fed to the REFTRK pin that
the ISL8121 can follow is limited to 2.3V. The ISL8121
utilizes a small initial negative offset (typically about
50mV) in the voltage loop at the beginning of it soft-
start, to counteract any positive offsets that may have
undesirable effects. As this initial offset is phased out as
the reference is ramped up to around 200mV, in order to
avoid an error in the output regulation level, it is
recommended the external reference has an amplitude
(final, DC level) exceeding 300mV.
While in external reference (ER) mode, the threshold
sensitive VMON pin can be used to control when the
ISL8121 starts to monitor the output for PGD and OVP
protection purposes. As shown in Figure 11, connect the
VMON pin to the voltage to be monitored via a resistor
divider. An internal current source helps set a
user-adjustable monitor threshold hysteresis. Choose
resistor values according to desired hysteresis voltage,
VH, and desired rising threshold, VT.
Make note that, in Equation 9, VREF refers to the
reference of the VMON comparator (300mV).
Intersil recommends the VMON threshold is set to be
tripped when the external reference voltage reaches at
least 90% of the final DC value. Since PGD and OVP
monitoring are relative to the external reference
FIGURE 9. SETTING THE OUTPUT VOLTAGE AT THE
FB PIN
-
+
EXTERNAL CIRCUIT
ISL8121
VSEN+
VSEN-
RP
DIFFERENTIAL
AMPLIFIER
X1
FB
-
+
TO VOUT
+
VREF
ERROR
AMPLIFIER
RS(R1)
VDIFF
FIGURE 10. SETTING THE OUTPUT VOLTAGE AT THE
INPUT OF THE DIFFERENTIAL AMPLIFIER
EXTERNAL
ISL8121
VSEN-
VSEN+
VDIFF
DIFFERENTIAL
AMPLIFIER
-
+
ZIN
CIRCUIT
~2µA
ZIN > 240k
OVER PROCESS, TEMPERATURE, AND
0 < (VSEN+)-(VSEN-) < 2.5V
FIGURE 11. SETTING THE MONITORING THRESHOLD
AND HYSTERESIS
EXTERNAL CIRCUIT
ISL8121
RP
VMON
VMON
COMPARATOR
RS
(300mV)
(10µA)
VCC
-
+
+
-
IH
VREF
VDIFF
RS
VH
IH
--------
=
RP
RS VREF
VT VREF
–
----------------------------
=
(EQ. 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com