Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8121IRZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL8121IRZ
Description  3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8121IRZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL8121IRZ Datasheet HTML 1Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 2Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 3Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 4Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ISL8121
FN6352 Rev 2.00
Page 2 of 26
October 27, 2009
Pin Configuration
ISL8121
(24 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL8121IRZ
81 21IRZ
-40 to +85
24 Ld 4x4 QFN
L24.4x4C
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL8121. For more information on MSL please see
techbrief TB363.
VSEN-
VDIFF
VSEN+
VMON
FB
COMP
PVCC
LG2
PHASE1
ISEN1
LG1
ISEN2
1
2
3
4
5
6
18
17
16
15
14
13
24 23 22 21 20 19
78
9
10 11 12
25
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com