Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8121IRZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL8121IRZ
Description  3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8121IRZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL8121IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 15Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 16Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 17Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ISL8121
FN6352 Rev 2.00
Page 14 of 26
October 27, 2009
magnitude, it is important to understand that the PGD
and OVP thresholds will move in proportion to the
moving reference (externally soft-started reference).
ISL8121 POWER-GOOD OPERATION
The open-collector PGD output reports on the quality of
the regulated output voltage. Once the ISL8121 is
enabled and the VMON pin is above its threshold, PGD
goes open circuit when the output enters the power-good
window (see “Electrical Specifications” table on page 6),
and stays open for as long as the output remains within
the specified window. The PGD is immediately pulled low
if the ISL8121 is disabled by removal of bias, toggling of
the EN pin, or upon encountering of an overcurrent
event; PGD is allowed to report the status of the output
as soon as operation is resumed following any of these
events.
The VMON pin is used in external-reference
configurations, where the reference is controlled by a
circuit external to the ISL8121. As such, the ISL8121 has
no way of ‘knowing’ when the external reference has
stabilized to its full value, or is within a certain
percentage of its final value. Thus, the VMON pin’s
functionality can be used to indicate when a desired
threshold has been reached (either by monitoring the
reference itself, or the output voltage controlled by the
ISL8121). By default, when operating in external
reference mode and desiring PGD monitoring as shown in
this datasheet, it is recommended the VMON is set to trip
its threshold when the output voltage (or reference)
reaches 92% of the final set value, choosing the resistor
divider as to achieve a 2% hysteresis.
When operating in internal-reference mode, the value of
the reference is known to the ISL8121, so the VMON pin
function can be bypassed by tying it to VCC potential.
VOLTAGE TRACKING AND SEQUENCING
By making creative use of the reference clamps at the SS
and REFTRK pins, and/or the available external reference
input, as well as the functionality of the EN pin, the
ISL8121 can accommodate the full spectrum of tracking
and sequencing options. Figures 13 and 14 offer some
implementation suggestions for a few typical situations.
Simple ratiometric external voltage tracking, such as that
required by the termination voltage regulator for double
data rate (DDR) memory can be implemented by feeding
a reference voltage equal to 0.5 of the memory core
voltage (VDDQ) to the reference input of the ISL8121, as
shown in Figure 12. The resistor divider at the REFTRK
pin sets the VOUT level. Select a suitable SS capacitor,
such that the SS clamp does not interfere with the
desired ramp-up time or slope of VOUT.
Coincidental tracking using the internal reference results
in a behavior similar to that presented in Figure 13. The
resistor divider at the input of the differential amplifier
sets the output voltage, VOUT, to the desired regulation
level. The same resistor divider used at the REFTRK pin
divides down the voltage to be tracked, effectively
scaling it to the magnitude of the internal reference. As a
result, the output voltage ramps up at the same rate as
the target voltage, its ramp-up leveling off at the
programmed regulation level established by the RS/RP
resistor divider.
VTARGET
VOUT
EXT CIRCUIT
ISL8121
VSEN+
VSEN-
VDIFF
RS
RP
X1
FB
-
+
TO VOUT
+
-
VREF
E/A
R1
-
+
REFTRK
TO VTARGET
+
VOUT
VTARGET
---------------------------
RP
RP RS
+
----------------------
=
FIGURE 12. RATIOMETRIC VOLTAGE TRACKING
VTARGET
VOUT
EXT CIRCUIT
ISL8121
VSEN+
VSEN-
VDIFF
RS
RP
X1
FB
-
+
TO VOUT
+
-
VREF
E/A
R1
-
+
REFTRK
To VTARGET
+
VREF
VOUT
----------------
RP
RP RS
+
----------------------
=
FIGURE 13. COINCIDENTAL VOLTAGE TRACKING
RS
RP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com