Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9237EVAL2Z Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ISL9237EVAL2Z
Description  Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9237EVAL2Z Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ISL9237EVAL2Z Datasheet HTML 29Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 30Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 31Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 32Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 33Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 34Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 35Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 36Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
ISL9237
FN8723 Rev.5.00
Page 33 of 40
Nov 29, 2017
Adapter Overvoltage Protection
If the ADP pin voltage exceeds 23.4V for more than 10µs, the
ISL9237 will consider an adapter overvoltage condition has
occurred. It will turn off the ASGATE MOSFETs to isolate the
adapter from the system, deassert the ACOK signal by pulling it
low and stop switching. BGATE will turn on for the battery to
support the system load. Once ADP voltage drops below 23.04V
from more than 100µs, it will start to turn on ASGATE and start
switching.
System Overvoltage Protection
The ISL9237 provides system rail overvoltage protection. If the
system voltage VSYS is 600mV higher than MaxSystemVoltage
register set value, it will declare the system overvoltage and stop
switching. It will resume switching without the 1.3s or 150ms
debounce once VSYS drops 300mV below the system
overvoltage threshold.
Way Overcurrent Protection (WOCP)
In the case that the system bus is shorted, either a MOSFET short
or an inductor short, the input current could be high. ISL9237
includes input overcurrent protection to turn off the ASGATE and
stop switching.
The ISL9237 provides adapter current and battery discharging
current WOCP (Way Overcurrent Protection) function against the
MOSFET short, system bus short and inductor short scenarios.
ISL9237 monitors the CSIP-CSIN voltage and CSON-CSOP
voltage, compares them with the WOCP threshold 12A for
adapter current and 16A for battery discharge current.
When the WOC comparator is tripped, ISL9237 counts one time
within each 20µs. Whenever ISL9237 counts WOC to 7 times in
656ms, it turns off ASGATE, deasserts ACOK and stops switching
immediately. After the 1.3s or 150ms debounce time set by
Control2 register Bit<11>, it goes through the start-up sequence
to retry.
The WOCP function can be disabled through Control2 register
Bit<1>.
Over-Temperature Protection
The ISL9237 turns off the internal LDO for self protection when
the junction temperature exceeds +140°C. The internal LDO
stays off until the junction temperature falls below +120°C.
The ISL9237 stops switching after declaring over-temperature
protection.
Once the temperature falls below +120°C, and after a 100µs
delay, the ISL9237 will enable the internal LDO and the ISL9237
will resume operation.
Switching Power MOSFET Gate Capacitance
The ISL9237 includes an internal 5V LDO output at VDD pin,
which can be used to provide the switching MOSFET gate driver
power through VDDP pin with an R-C filter. The 5V LDO output
overcurrent protection threshold is 70mA nominal. When
selecting the switching power MOSFET, the MOSFET gate
capacitance should be considered carefully to avoid overloading
the 5V LDO, specially in Buck-boost mode when four MOSFETs
switching at the same time. For one MOSFET, the gate drive
current can be estimated by Equation 2:
Where:
•Qg is the total gate charge, which can be found in the MOSFET
datasheet
•fSW is switching frequency
Adapter Input Filter
The adapter cable parasitic inductance and capacitance could
cause some voltage ringing or an overshoot spike at the adapter
connector node when the adapter is hot plugged in. This voltage
spike could damage the ASGATE MOSFET or the ISL9237 pins
connecting to the adapter connector node. One low cost solution
is to add an RC snubber circuit at the adapter connector node to
clamp the voltage spike as shown in Figure 34. A practical value
of the RC snubber is 2.2Ω to 2.2µF while the appropriate values
and power rating should be carefully characterized based on the
actual design. Meanwhile, it is not recommended to add a pure
capacitor at the adapter connector node, which can cause an
even bigger voltage spike due to the adapter cable or the adapter
current path parasitic inductance.
Idriver
Qg f
SW
=
(EQ. 2)
FIGURE 34. ADAPTER INPUT RC SNUBBER CIRCUIT
IS L 9237
AC IN
AS G A T E
AD AP T E R
CO NN E C T O R
R i
C i
2.2
2.2µ F
R C SN UB BER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com