Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9237EVAL2Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL9237EVAL2Z
Description  Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9237EVAL2Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL9237EVAL2Z Datasheet HTML 1Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 2Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 3Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 4Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 5Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 6Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ISL9237
FN8723 Rev.5.00
Page 4 of 40
Nov 29, 2017
4
BOOT2
High-side MOSFET Q4 gate driver supply. Connect an MLCC capacitor across the BOOT2 pin and the PHASE2 pin. The
boot capacitor is charged through an internal boot diode connected from the VDDP pin to the BOOT2 pin when the
PHASE2 pin drops below VDDP minus the voltage drop across the internal boot diode.
5
UGATE2
High-side MOSFET Q4 gate drive.
6
PHASE2
Current return path for the high-side MOSFET Q4 gate drive. Connect this pin to the node consisting of the high-side
MOSFET Q4 source, the low-side MOSFET Q3 drain and the one terminal of the inductor.
7
LGATE2
Low-side MOSFET Q3 gate drive.
8
VDDP
Power supply for the gate drivers. Connect to VDD pin through a 4.7Ω resistor and connect a 1µF ceramic capacitor to
GND.
9
LGATE1
Low-side MOSFET Q2 gate drive.
10
PHASE1
Current return path for the high side MOSFET Q1 gate drive. Connect this pin to the node consisting of the high-side
MOSFET Q1 source, the low-side MOSFET Q2 drain and the input terminal of the inductor.
11
UGATE1
High-side MOSFET Q1 gate drive.
12
BOOT1
High-side MOSFET Q1 gate driver supply. Connect an MLCC capacitor across the BOOT1 pin and the PHASE1 pin. The
boot capacitor is charged through an internal boot diode connected from the VDDP pin to the BOOT1 pin when the
PHASE1 pin drops below VDDP minus the voltage drop across the internal boot diode.
13
ASGATE
Gate drive output to the P-channel adapter FET. The use of ASGATE FETs is optional, if not used, leave ASGATE pin
floating.
When ASGATE turns on, it is clamped 10V below ADP pin voltage.
14
CSIN
Adapter current sense “-” input.
15
CSIP
Adapter current sense “+” input. The modulator also uses this for sensing input voltage in forward mode and output
voltage in reverse mode.
16
ADP
Adapter input. Used to sense adapter voltage. When adapter voltage is higher than 3.2V, AGATE is turned on.
ADP pin is also one of the two internal low power LDO inputs.
17
DCIN
Input of an internal LDO; provides power to the IC. Connect a diode OR from adapter and system outputs. Bypass this
pin with an MLCC capacitor.
18
VDD
Output of the internal LDO; provides the bias power for the internal analog and digital circuit. Connect a 1µF ceramic
capacitor to GND.
If VDD is pulled below 2V for more than 1ms, ISL9237 will reset all the SMBus register values to the default.
19
ACIN
Adapter voltage sense. Use a resistor divider externally to detect adapter voltage. The adapter voltage is valid if the ACIN
pin voltage is greater than 0.8V.
20
OTGEN/
CMIN
OTG function enable pin or stand-alone comparator input pin.
Pull high to enable OTG function. The OTG function is enabled when the control register is written to select OTG mode
and when the battery voltage is above 5.8V.
When OTG function is not selected, this pin is the general purpose stand-alone comparator input.
21
SDA
SMBus data I/O. Connect to the data line from the host controller or smart battery. Connect a 10k pull-up resistor
according to SMBus specification.
22
SCL
SMBus clock I/O. Connect to the clock line from the host controller or smart battery. Connect a 10k pull-up resistor
according to SMBus specification.
23
PROCHOT#
Open-drain output. Pulled low when ACProchot#, DCProchot# or Low_VSYS event is detected. IMVP-8 compliant.
24
ACOK
Adapter presence indicator output to indicate the adapter is ready.
25
BATGONE
Input pin to the IC. Logic high on this pin indicates the battery has been removed. Logic low on this pin indicates the
battery is present.
BATGONE pin logic high will force BGATE FET to turn off in any circumstance.
26
OTGPG/
CMOUT
Open-drain output. OTG function output power-good indicator or the stand-alone comparator output.
When OTG function is enabled, low if OTG output voltage is not within regulation window.
When OTG function is not used, it is the general purpose comparator output.
Pin Descriptions (Continued)
PIN NUMBER
PIN NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com