Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9237EVAL2Z Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL9237EVAL2Z
Description  Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9237EVAL2Z Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL9237EVAL2Z Datasheet HTML 20Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 21Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 22Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 23Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 24Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 25Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 26Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 27Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
ISL9237
FN8723 Rev.5.00
Page 24 of 40
Nov 29, 2017
OTGVoltage Register
To set the OTG mode output regulation voltage, write a 16-bit
OTGVoltage command (0x49H or 0b01001001) using the
Write-word protocol shown in Figure 24 on page 16 and the data
format as shown in Table 14.
The OTGVoltage register accepts any voltage command, however,
only the valid register bits will be written to the register, and the
maximum value is clamped at 5.376V and the minimum value is
clamped at 4.864V.
11
Adapter Insertion to
ASGATE Turning On
Debounce
Bit<11> configures the debounce time from adapter insertion to ASGATE turning on.
0 = 1.3s (default)
1 = 150ms
After VDD POR, for the first time adapter is plugged in, the ASGATE turn-on delay is always 150ms, regardless
of the Bit<11> setting. This bit only sets the ASGATE turn-on delay after ASGATE turns off at least one time
when VDD is above the POR value and Bit<11> default is 0 for 1.3s.
<10:9>
Prochot# Debounce
Bit<10:9> configures the Prochot# debounce time before its assertion for ACProchot# and DCProchot#.
00: 10µs (default)
01: 100µs
10: 500µs
11: 1ms
The Low_VSYS_Prochot# has fixed 10µs debounce time.
<8:6>
Prochot# Duration
Bit<8:6> configures the minimum duration of Prochot# signal once asserted.
000 = 10ms (default)
001 = 20ms
010 = 15ms
011 = 5ms
100 = 1ms
101 = 500µs
110 = 100µs
111 = 0s
5
ASGATE in OTG Mode
Bit<5> turns on or off the ASGATE FET in OTG mode.
0 = Turn ON ASGATE in OTG mode (default)
1 = Turn OFF ASGATE in OTG mode
4
CMIN Reference
Bit<4> configures the general purpose comparator reference voltage.
0 = 1.2V (default)
1 = 2V
3
General Purpose
Comparator
Bit<3> enables or disabled the general purpose comparator.
0 = Enable (default)
1 = Disable
2
CMOUT Polarity
Bit<2> configures the general purpose comparator output polarity once asserted. The comparator reference
voltage is connected at the inverting input node.
0 = CMOUT is high when CMIN is higher than reference (default)
1 = CMOUT is low when CMIN is higher than reference
1
WOCP Function
Bit<1> enables or disables the WOC (Way Overcurrent) fault protection function.
0 = Enable WOCP (default)
1 = Disable WOCP
0
PSYS Gain
Bit<0> configures the system power monitor PSYS output gain.
0 = 1.44µA/W (default)
1 = 0.36µA/W
TABLE 13. CONTROL2 REGISTER 0x3DH (Continued)
BIT
BIT NAME
DESCRIPTION
TABLE 14. OTGVOLTAGE REGISTER 0x49H
BIT
DESCRIPTION
<6:0>
Not used
<7>
0 = Add 0mV of OTG voltage
1 = Add 128mV of OTG voltage
<8>
0 = Add 0mV of OTG voltage
1 = Add 256mV of OTG voltage
<9>
0 = Add 0mV of OTG voltage
1 = Add 512mV of OTG voltage
<10>
0 = Add 0mV of OTG voltage
1 = Add 1024mV of OTG voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com