Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2025 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # REF2025
Description  Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF2025 Datasheet(HTML) 19 Page - Texas Instruments

Back Button REF2025 Datasheet HTML 15Page - Texas Instruments REF2025 Datasheet HTML 16Page - Texas Instruments REF2025 Datasheet HTML 17Page - Texas Instruments REF2025 Datasheet HTML 18Page - Texas Instruments REF2025 Datasheet HTML 19Page - Texas Instruments REF2025 Datasheet HTML 20Page - Texas Instruments REF2025 Datasheet HTML 21Page - Texas Instruments REF2025 Datasheet HTML 22Page - Texas Instruments REF2025 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
‡
‡
‡
OUT
SHUNT
BIAS
LOAD
SHUNT
BIAS
V
G
V
V
G
I
R
V
r
r
RSHUNT
±ILOAD
VBUS
+
IN+
IN-
REF
OUT
+
Bandgap
V+
VCC
VREF
VBIAS
VIN
EN
GND
GND
VOUT
REF20xx
INA213B
+
±
+
±
± VSHUNT
19
REF2025, REF2030, REF2033, REF2041
www.ti.com
SBOS600C – MAY 2014 – REVISED JANUARY 2017
Product Folder Links: REF2025 REF2030 REF2033 REF2041
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Typical Application (continued)
10.2.1.1 Design Requirements
The design requirements are as follows:
1. Supply voltage: 5.0 V
2. Load current: ±2.5 A
3. Output: 250 mV to 2.75 V
4. Maximum shunt voltage: ±25 mV
10.2.1.2 Detailed Design Procedure
Low-side current sensing is desirable because the common-mode voltage is near ground. Therefore, the current-
sensing solution is independent of the bus voltage, VBUS. When sensing bidirectional currents, use a differential
amplifier with a reference pin. This procedure allows for the differentiation between positive and negative
currents by biasing the output stage such that it can respond to negative input voltages. There are a variety of
methods for supplying power (V+) and the reference voltage (VREF, or VBIAS) to the differential amplifier. For a
low-drift solution, use a monolithic reference that supplies both power and the reference voltage. Figure 50
shows the general circuit topology for a low-drift, low-side, bidirectional, current-sensing solution. This topology is
particularly useful when interfacing with an ADC; see Figure 49. Not only do VREF and VBIAS track over
temperature, but their matching is much better than alternate topologies. For a more detailed version of the
design procedure, refer to TIDU357.
Figure 50. Low-Drift, Low-side, Bidirectional, Current-Sensing Circuit Topology
The transfer function for the circuit given in Figure 50 is as shown in Equation 5:
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com