Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2025 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REF2025
Description  Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF2025 Datasheet(HTML) 5 Page - Texas Instruments

  REF2025 Datasheet HTML 1Page - Texas Instruments REF2025 Datasheet HTML 2Page - Texas Instruments REF2025 Datasheet HTML 3Page - Texas Instruments REF2025 Datasheet HTML 4Page - Texas Instruments REF2025 Datasheet HTML 5Page - Texas Instruments REF2025 Datasheet HTML 6Page - Texas Instruments REF2025 Datasheet HTML 7Page - Texas Instruments REF2025 Datasheet HTML 8Page - Texas Instruments REF2025 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
REF2025, REF2030, REF2033, REF2041
www.ti.com
SBOS600C – MAY 2014 – REVISED JANUARY 2017
Product Folder Links: REF2025 REF2030 REF2033 REF2041
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
Temperature drift is specified according to the box method. See the Feature Description section for more details.
(2)
The VREF and VBIAS tracking over temperature specification is explained in more detail in the Feature Description section.
(3)
The peak-to-peak noise measurement procedure is explained in more detail in the Noise Performance section.
(4)
The thermal hysteresis measurement procedure is explained in more detail in the Thermal Hysteresis section.
7.5
Electrical Characteristics
At TA = 25°C, IL = 0 mA, and VIN = 5 V, unless otherwise noted. Both VREF and VBIAS have the same specifications.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ACCURACY AND DRIFT
Output voltage accuracy
–0.05%
0.05%
Output voltage temperature coefficient(1)
–40°C
≤ TA ≤ 125°C
±3
±8
ppm/°C
VREF and VBIAS tracking over temperature
(2)
–40°C
≤ TA ≤ 85°C
±1.5
±6
ppm/°C
–40°C
≤ TA ≤ 125°C
±2
±7
LINE AND LOAD REGULATION
ΔVO(ΔVI)
Line regulation
VREF + 0.02 V ≤ VIN ≤ 5.5 V
3
35
ppm/V
ΔVO(ΔIL)
Load regulation
Sourcing
0 mA
≤ IL ≤ 20 mA ,
VREF + 0.6 V ≤ VIN ≤ 5.5 V
8
20
ppm/mA
Sinking
0 mA
≤ IL ≤ –20 mA,
VREF + 0.02 V ≤ VIN ≤ 5.5 V
8
20
POWER SUPPLY
ICC
Supply current
Active mode
360
430
µA
–40°C
≤ TA ≤ 125°C
460
Shutdown mode
3.3
5
–40°C
≤ TA ≤ 125°C
9
Enable voltage
Device in shutdown mode (EN = 0)
0
0.7
V
Device in active mode (EN = 1)
VIN – 0.7
VIN
Dropout voltage
10
20
mV
IL = 20 mA
600
ISC
Short-circuit current
50
mA
ton
Turn-on time
0.1% settling, CL = 1 µF
500
µs
NOISE
Low-frequency noise(3)
0.1 Hz
≤ f ≤ 10 Hz
12
ppmPP
Output voltage noise density
f = 100 Hz
0.25
ppm/
√Hz
CAPACITIVE LOAD
Stable output capacitor range
0
10
µF
HYSTERESIS AND LONG TERM STABILITY
Long-term stability
0 to 1000 hours
60
ppm
Output voltage hysteresis(4)
25°C, –40°C, 125°C, 25°C
Cycle 1
60
ppm
Cycle 2
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com