Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2025 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # REF2025
Description  Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF2025 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF2025 Datasheet HTML 3Page - Texas Instruments REF2025 Datasheet HTML 4Page - Texas Instruments REF2025 Datasheet HTML 5Page - Texas Instruments REF2025 Datasheet HTML 6Page - Texas Instruments REF2025 Datasheet HTML 7Page - Texas Instruments REF2025 Datasheet HTML 8Page - Texas Instruments REF2025 Datasheet HTML 9Page - Texas Instruments REF2025 Datasheet HTML 10Page - Texas Instruments REF2025 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
±20
±15
±10
±5
0
5
10
15
20
Load Current (mA)
C038
125°C
25°C
-40°C
±1000
±750
±500
±250
0
250
500
750
1000
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C003
0
10
20
30
40
50
60
-0.0125
-0.01
-0.0075 -0.005 -0.0025
0
0.0025
Solder Heat Shift Histogram - V
BIAS (%)
C040
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
REF
V
BIAS
0
10
20
30
40
50
60
0
1
2
3
4
5
6
7
V
REF and VBIAS Tracking Over Temperature (ppm/ƒC)
C017
0
10
20
30
40
50
-0.0125
-0.01
-0.0075 -0.005 -0.0025
0
0.0025
Solder Heat Shift Histogram - V
REF (%)
C041
7
REF2025, REF2030, REF2033, REF2041
www.ti.com
SBOS600C – MAY 2014 – REVISED JANUARY 2017
Product Folder Links: REF2025 REF2030 REF2033 REF2041
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, IL = 0 mA, VIN = 5-V power supply, CL = 0 µF, and 2.5-V output, unless otherwise noted.
–40°C
≤ TA ≤ 125°C
Figure 7. Distribution of VREF – 2 × VBIAS Drift Tracking
Over Temperature
Refer to the Solder Heat Shift section for more information.
Figure 8. Solder Heat Shift Distribution (VREF)
Refer to the Solder Heat Shift section for more information.
Figure 9. Solder Heat Shift Distribution (VBIAS)
Figure 10. Output Voltage Accuracy (VREF) vs Temperature
Figure 11. VREF – 2 × VBIAS Tracking vs Temperature
VREF output
Figure 12. Output Voltage Change vs Load Current (VREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com