Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVES Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # AVES
Description  Low Profile SMT Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVES Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  AVES Datasheet HTML 1Page - Cornell Dubilier Electronics AVES Datasheet HTML 2Page - Cornell Dubilier Electronics AVES Datasheet HTML 3Page - Cornell Dubilier Electronics AVES Datasheet HTML 4Page - Cornell Dubilier Electronics AVES Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type AVES –55 °C to +105 °C
Low Profile SMT Aluminum Electrolytic Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Outline Drawing, Case Code & Dimensions Table
ØD ± 0.5
0.3 Max
B ± 0.2
0.4 ±0.2
C ±0.2
W
P
C ±0.2
-
+
Case
Code
Ø D
(mm)
L
(mm)
A
(mm)
B
(mm)
C
(mm)
W
(mm)
P ±0.2
(mm)
B
C
D
4.0
5.0
6.3
5.3 ±0.2
5.3 ±0.2
5.3 ±0.2
4.3
5.3
6.6
4.3
5.3
6.6
2.0
2.3
2.7
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
1.0
1.5
2.0
Part Numbering System
AVES
106
M
16
B
12T
– F
Series
AVES
Capacitance
104 = 0.1 µF
105 = 1.0 µF
106 = 10.0 µF
107 = 100.0 µF
108 = 1000.0 µF
Capacitance
Tolerance
M = ±20%
Voltage
06 = 6.3 Vdc
10 = 10 Vdc
16 = 16 Vdc
25 = 25 Vdc
50 = 50 Vdc
Case
Code
B = B
Packaging
RoHS
Information
Compliant
12 = Carrier Tape
Width (mm)
T = Tape & Reel
Ratings
Max
Max
Max
Max
Catalog
DCL
DF
ESR
Ripple Current
Case
Size
Quantity
Cap
Part Number
2 min.
120 Hz 20 ºC
120 Hz 20 ºC
120 Hz 105 °C
Code
D x L
per Reel
(µF)
(µA)
(ohms)
(mA)
(mm)
(each)
6.3 Vdc ( 8 Vdc Surge)
22
AVES226M06B12T-F
3.0
0.30
22.6
21
B
4 x 5.3
2000
33
AVES336M06C12T-F
3.0
0.30
15.1
30
C
5 x 5.3
1000
47
AVES476M06C12T-F
3.0
0.30
10.6
46
C
5 x 5.3
1000
100
AVES107M06D16T-F
6.3
0.30
5.0
61
D
6.3 x 5.3
1000
10 Vdc ( 13 Vdc Surge)
10
AVES106M10B12T-F
3.0
0.26
43.1
15
B
4 x 5.3
2000
22
AVES226M10C12T-F
3.0
0.26
19.6
25
C
5 x 5.3
1000
33
AVES336M10C12T-F
3.3
0.26
13.1
31
C
5 x 5.3
1000
47
AVES476M10D16T-F
4.7
0.26
9.2
43
D
6.3 x 5.3
1000
100
AVES107M10D16T-F
10.0
0.26
4.3
65
D
6.3 x 5.3
1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com