Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVES Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AVES
Description  Low Profile SMT Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVES Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AVES Datasheet HTML 1Page - Cornell Dubilier Electronics AVES Datasheet HTML 2Page - Cornell Dubilier Electronics AVES Datasheet HTML 3Page - Cornell Dubilier Electronics AVES Datasheet HTML 4Page - Cornell Dubilier Electronics AVES Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Type AVES –55 °C to +105 °C
Low Profile SMT Aluminum Electrolytic Capacitors
For Filtering, Bypassing and Power Supply Decoupling
Specifcations
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
Leakage Current:
Ripple Current Multiplier:
Dissipation Factor:
(Tan d at 120 Hz, 20 ºC)
Low Temperature
Characteristic (at 120 Hz):
Load Life Test:
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).
Type AVES Capacitors are rated for 1000 hours at 105 ºC with low
impedance characteristics. They are ideal for high density PC board
packaging. The Type AVES ofers a low in-place-cost for a high
quality performer.The vertical cylindrical cases facilitate automatic
mounting and refow soldering into the same footprint of like-rated
tantalum capacitors except without the need for voltage derating.
Type AVES is RoHS compliant.
Highlights
•
+105 °C, Up to 1000 Hours Load Life
•
Capacitance Range: 0.1 µF to 100 µF
•
Voltage Range: 6.3 Vdc to 50 Vdc
–55 °C to +105 °C
6.3, 10, 16, 25, 35, 50 Vdc
0.1µF to 100 µF
±20% @ 120 Hz and +20 °C
I = 0.01 CV or 3 (µA) whichever is greater after 2 minutes
C = rated capacitance in µF, V = rated DC working voltage
Freq. (Hz)
Vdc
50, 60
120
1 k
10 k up
Under 16
25 ~ 35
50
0.8
0.8
0.8
1.00
1.00
1.00
1.15
1.25
1.35
1.25
1.40
1.50
Rated Voltage
6.3
10
16
25
35
50
Tan δ Max
0.30
0.26
0.22
0.16
0.13
0.12
Rated Voltage
6.3
10
16
25
35
50
Impedance
Ratio
Z(–25 ºC) / Z(+20 ºC)
4
3
2
2
2
2
Z(–40 ºC) / Z(+20 ºC)
8
5
4
3
3
3
Test Time
1,000 Hours
Capacitance Change
Within ±20% of initial value
Dissipation Factor
Less than 200% of specified value
Leakage Current
Within specified value
* The above specifications shall be satisfied when the
capacitors are restored to 20 ºC after the rated voltage is
applied for 1,000 hrs at 105 ºC
Shelf LifeTest: Test time: 1000 hours; other items are the same as those for life test.


Similar Part No. - AVES

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVES104M50B12T-F CDE-AVES104M50B12T-F Datasheet
182Kb / 4P
Low Profile SMT Aluminum Electrolytic Capacitors
AVES105M50B12T-F CDE-AVES105M50B12T-F Datasheet
182Kb / 4P
Low Profile SMT Aluminum Electrolytic Capacitors
AVES106M10B12T-F CDE-AVES106M10B12T-F Datasheet
182Kb / 4P
Low Profile SMT Aluminum Electrolytic Capacitors
AVES106M16B12T-F CDE-AVES106M16B12T-F Datasheet
182Kb / 4P
Low Profile SMT Aluminum Electrolytic Capacitors
AVES106M25C12T-F CDE-AVES106M25C12T-F Datasheet
182Kb / 4P
Low Profile SMT Aluminum Electrolytic Capacitors
More results

Similar Description - AVES

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVES226M06B12T-F CDE-AVES226M06B12T-F Datasheet
182Kb / 4P
Low Profile SMT Aluminum Electrolytic Capacitors
AVEZ226M06B12T-F CDE-AVEZ226M06B12T-F Datasheet
138Kb / 3P
Low Impedance SMT Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
EEV-HA1E331UP PANASONIC-EEV-HA1E331UP Datasheet
367Kb / 8P
SMT Aluminum Electrolytic Capacitors
ECE-V1HA010SR PANASONIC-ECE-V1HA010SR Datasheet
271Kb / 11P
SMT Aluminum Electrolytic Capacitors
ECE-V1HA220WP PANASONIC-ECE-V1HA220WP Datasheet
271Kb / 11P
SMT Aluminum Electrolytic Capacitors
EEV-HA1J220UP PANASONIC-EEV-HA1J220UP Datasheet
367Kb / 8P
SMT Aluminum Electrolytic Capacitors
ECE-V1EA220SP PANASONIC-ECE-V1EA220SP Datasheet
271Kb / 11P
SMT Aluminum Electrolytic Capacitors
EEV-HB1H1R0R PANASONIC-EEV-HB1H1R0R Datasheet
279Kb / 7P
SMT Aluminum Electrolytic Capacitors
EEV-HA1C220R PANASONIC-EEV-HA1C220R Datasheet
367Kb / 8P
SMT Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
AVEZ CDE-AVEZ Datasheet
212Kb / 5P
Low Impedance SMT Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com