Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVES Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # AVES
Description  Low Profile SMT Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVES Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  AVES Datasheet HTML 1Page - Cornell Dubilier Electronics AVES Datasheet HTML 2Page - Cornell Dubilier Electronics AVES Datasheet HTML 3Page - Cornell Dubilier Electronics AVES Datasheet HTML 4Page - Cornell Dubilier Electronics AVES Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Type AVES –55 °C to +105 °C
Low Profile SMT Aluminum Electrolytic Capacitors
Cap
(µF)
Catalog
Part Number
Max
DCL
2 min.
(µA)
Max
Max
DF
ESR
120 Hz 20 ºC
120 Hz 20 ºC
( ohms )
Max
Ripple Current
120 Hz 105 °C
(mA)
Size
D x L
(mm)
Quantity
per Reel
(each)
16 Vdc ( 20 Vdc Surge)
10
22
33
AVES106M16B12T-F
AVES226M16C12T-F
AVES336M16D16T-F
3.0
3.5
5.3
0.22
36.5
0.22
16.6
0.22
11.1
16
28
40
4 x 5.3
5 x 5.3
6.3 x 5.3
2000
1000
1000
47
100
AVES476M16D16T-F
AVES107M16D16T-F
7.5
16.0
0.22
7.8
0.22
3.6
47
70
6.3 x 5.3
6.3 x 5.3
1000
1000
25 Vdc (31 Vdc Surge)
4.7
10
22
AVES475M25B12T-F
AVES106M25C12T-F
AVES226M25D16T-F
3.0
3.0
5.5
0.16
56.4
0.16
26.5
0.16
12.1
12
21
36
4 x 5.3
5 x 5.3
6.3 x 5.3
2000
1000
1000
33
47
AVES336M25D16T-F
AVES476M25D16T-F
8.3
11.8
0.16
8.0
0.16
5.6
44
60
6.3 x 5.3
6.3 x 5.3
1000
1000
35 Vdc (44 Vdc Surge)
4.7
10.0
22.0
AVES475M35B12T-F
AVES106M35C12T-F
AVES226M35D16T-F
3.0
3.5
7.7
0.13
45.9
0.13
21.6
0.13
9.8
14
23
50
4 x 5.3
5 x 5.3
6.3 x 5.3
2000
1000
1000
50 Vdc (63 Vdc Surge)
.10
.22
.33
AVES104M50B12T-F*
AVES224M50B12T-F*
AVES334M50B12T-F*
3.0
3.0
3.0
0.12
1989.4
0.12
904.3
0.12
602.8
2
3
4
4 x 5.3
4 x 5.3
4 x 5.3
2000
2000
2000
.47
1.0
2.2
AVES474M50B12T-F*
AVES105M50B12T-F
AVES225M50B12T-F
3.0
3.0
3.0
0.12
423.3
0.12
198.9
0.12
90.4
5
7
10
4 x 5.3
4 x 5.3
4 x 5.3
2000
2000
2000
3.3
4.7
10.0
22.0
AVES335M50B12T-F
AVES475M50C12T-F
AVES106M50D16T-F
AVES226M50D16T-F
3.0
3.0
5.0
11.0
0.12
60.3
0.12
42.3
0.12
19.9
0.12
9.0
12
17
26
51
4 x 5.3
5 x 5.3
6.3 x 5.3
6.3 x 5.3
2000
1000
1000
1000
*denotes discontinured part number



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com