Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH331M050ST Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # SH331M050ST
Description  2000 Hour Long Life, Aluminum Electrolytic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SH331M050ST Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  SH331M050ST Datasheet HTML 1Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 2Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 3Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 4Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 5Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 6Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SH 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Ratings
Capacitance
(uF)
Catalog
Part Number
ESR
120
Hz/+25°C
(ohms)
Max
Ripple Current
120 Hz/
+105°C
(ma)
Size in. (mm)
Diameter
(D)
Length
(L)
Lead Space
(S)
Lead dia.
(d)
35 Vdc (44 Volts Surge)
10
22
33
47
100
220
330
470
1000
2200
3300
SH100M035ST
SH220M035ST
SH330M035ST
SH470M035ST
SH101M035ST
SH221M035ST
SH331M035ST
SH471M035ST
SH102M035ST
SH222M035ST
SH332M035ST
18.57
8.44
5.63
3.95
1.86
0.84
0.56
0.40
0.19
0.10
0.07
40
0.197
(5.0)
65
0.248
(6.3)
85
0.248
(6.3)
115
0.248
(6.3)
190
0.315
(8.0)
315
0.394
(10.0)
440
0.394
(10.0)
580
0.512
(13.0)
995
0.512
(13.0)
1450
0.630
(16.0)
1660
0.709
(18.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.098
(2.5)
0.433
(11.0)
0.098
(2.5)
0.433
(11.0)
0.098
(2.5)
0.433
(11.0)
0.138
(3.5)
0.492
(12.5)
0.197
(5.0)
0.630
(16.0)
0.197
(5.0)
0.787
(20.0)
0.197
(5.0)
0.984
(25.0)
0.197
(5.0)
1.26
(32.0)
0.295
(7.5)
1.40
(36.0)
0.295
(7.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
0.031
(0.8)
50 Vdc (63 Volts Surge)
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
SH010M050ST
SH2R2M050ST
SH3R3M050ST
SH4R7M050ST
SH100M050ST
SH220M050ST
SH330M050ST
SH470M050ST
SH101M050ST
SH221M050ST
SH331M050ST
SH471M050ST
SH102M050ST
SH222M050ST
159.15
72.34
48.23
33.86
15.92
7.23
4.82
3.39
1.59
0.72
0.48
0.34
0.16
0.08
12
0.197
(5.0)
18
0.197
(5.0)
25
0.197
(5.0)
30
0.197
(5.0)
50
0.197
(5.0)
75
0.197
(5.0)
105
0.248
(6.3)
125
0.315
(8.0)
210
0.394
(10.0)
400
0.394
(10.0)
535
0.394
(10.0)
730
0.512
(13.0)
1110
0.630
(16.0)
1530
0.709
(18.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.098
(2.5)
0.433
(11.0)
0.138
(3.5)
0.492
(12.5)
0.197
(5.0)
0.630
(16.0)
0.197
(5.0)
0.787
(20.0)
0.197
(5.0)
0.787
(20.0)
0.197
(5.0)
0.984
(25.0)
0.295
(7.5)
1.40
(36.0)
0.295
(7.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
0.031
(0.8)
63 Vdc (79 Volts Surge)
4.7
10
22
33
47
100
220
330
470
1000
SH4R7M063ST
SH100M063ST
SH220M063ST
SH330M063ST
SH470M063ST
SH101M063ST
SH221M063ST
SH331M063ST
SH471M063ST
SH102M063ST
28.22
13.26
6.03
4.02
2.82
1.33
0.60
0.40
0.28
0.13
34
0.197
(5.0)
55
0.197
(5.0)
90
0.248
(6.3)
110
0.315
(8.0)
155
0.315
(8.0)
260
0.394
(10.0)
460
0.394
(10.0)
650
0.512
(13.0)
800
0.512
(13.0)
1200
0.630
(16.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.098
(2.5)
0.433
(11.0)
0.138
(3.5)
0.433
(11.0)
0.138
(3.5)
0.492
(12.5)
0.197
(5.0)
0.787
(20.0)
0.197
(5.0)
0.787
(20.0)
0.197
(5.0)
0.984
(25.0)
0.197
(5.0)
1.26
(32.0)
0.295
(7.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
100 Vdc (125 Volts Surge)
1
2.2
3.3
4.7
10
22
SH010M100ST
SH2R2M100ST
SH3R3M100ST
SH4R7M100ST
SH100M100ST
SH220M100ST
132.63
60.29
40.19
28.22
13.26
6.03
15
0.197
(5.0)
22
0.197
(5.0)
29
0.197
(5.0)
37
0.197
(5.0)
65
0.248
(6.3)
115
0.315
(8.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.098
(2.5)
0.433
(11.0)
0.138
(3.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com