Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH331M050ST Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # SH331M050ST
Description  2000 Hour Long Life, Aluminum Electrolytic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SH331M050ST Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  SH331M050ST Datasheet HTML 1Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 2Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 3Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 4Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 5Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 6Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SH 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Ratings
Capacitance
(uF)
Catalog
Part Number
ESR
120
Hz/+25°C
(ohms)
Max
Ripple Current
120 Hz/
+105°C
(ma)
Size in. (mm)
Diameter
(D)
Length
(L)
Lead Space
(S)
Lead dia.
(d)
100 Vdc (125 Volts Surge)
33
47
100
220
330
470
SH330M100ST
SH470M100ST
SH101M100ST
SH221M100ST
SH331M100ST
SH471M100ST
4.02
2.82
1.33
0.60
0.40
0.28
160
0.394
(10.0)
0.492
(12.5)
0.197
(5.0)
210
0.394
(10.0)
0.630
(16.0)
0.197
(5.0)
385
0.512
(13.0)
0.787
(20.0)
0.197
(5.0)
590
0.630
(16.0)
0.984
(25.0)
0.295
(7.5)
720
0.630
(16.0)
0.984
(25.0)
0.295
(7.5)
875
0.630
(16.0)
1.26
(32.0)
0.295
(7.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
0.031
(0.8)
0.031
(0.8)
*160 Vdc (200 Volts Surge)
1
2.2
3.3
4.7
10
22
33
47
100
SH010M160ST
SH2R2M160ST
SH3R3M160ST
SH4R7M160ST
SH100M160ST
SH220M160ST
SH330M160ST
SH470M160ST
SH101M160ST
198.94
90.43
60.29
42.33
19.89
9.04
6.03
4.23
1.99
17
0.197
(5.0)
0.433
(11.0)
0.079
(2.0)
25
0.248
(6.3)
0.433
(11.0)
0.098
(2.5)
36
0.315
(8.0)
0.433
(11.0)
0.138
(3.5)
43
0.315
(8.0)
0.433
(11.0)
0.138
(3.5)
70
0.394
(10.0)
0.492
(12.5)
0.197
(5.0)
130
0.394
(10.0)
0.787
(20.0)
0.197
(5.0)
180
0.512
(13.0)
0.787
(20.0)
0.197
(5.0)
270
0.512
(13.0)
0.984
(25.0)
0.197
(5.0)
330
0.630
(16.0)
0.984
(25.0)
0.295
(7.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
*200 Vdc (250 Volts Surge)
1
2.2
3.3
4.7
10
22
33
47
100
SH010M200ST
SH2R2M200ST
SH3R3M200ST
SH4R7M200ST
SH100M200ST
SH220M200ST
SH330M200ST
SH470M200ST
SH101M200ST
198.94
90.43
60.29
42.33
19.89
9.04
6.03
4.23
1.99
17
0.248
(6.3)
0.433
(11.0)
0.098
(2.5)
25
0.248
(6.3)
0.433
(11.0)
0.098
(2.5)
36
0.315
(8.0)
0.433
(11.0)
0.138
(3.5)
50
0.394
(10.0)
0.492
(12.5)
0.197
(5.0)
80
0.394
(10.0)
0.630
(16.0)
0.197
(5.0)
140
0.394
(10.0)
0.787
(20.0)
0.197
(5.0)
190
0.512
(13.0)
0.984
(25.0)
0.197
(5.0)
220
0.512
(13.0)
0.984
(25.0)
0.197
(5.0)
335
0.630
(16.0)
1.26
(32.0)
0.295
(7.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
*250 Vdc (300 Volts Surge)
1
2.2
3.3
4.7
10
22
33
47
100
SH010M250ST
SH2R2M250ST
SH3R3M250ST
SH4R7M250ST
SH100M250ST
SH220M250ST
SH330M250ST
SH470M250ST
SH101M250ST
198.94
90.43
60.29
42.33
19.89
9.04
6.03
4.23
1.99
17
0.248
(6.3)
0.433
(11.0)
0.098
(2.5)
29
0.315
(8.0)
0.433
(11.0)
0.138
(3.5)
42
0.394
(10.0)
0.492
(12.5)
0.197
(5.0)
50
0.394
(10.0)
0.492
(12.5)
0.197
(5.0)
88
0.394
(10.0)
0.787
(20.0)
0.197
(5.0)
155
0.512
(13.0)
0.984
(25.0)
0.197
(5.0)
190
0.512
(13.0)
0.984
(25.0)
0.197
(5.0)
230
0.630
(16.0)
0.984
(25.0)
0.295
(7.5)
340
0.709
(18.0)
1.40
(36.0)
0.295
(7.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
0.031
(0.8)
*400 Vdc (450 Volts Surge)
22
SH220M400ST
12.06
110
0.630
(16.0)
0.984
(25.0)
0.295
(7.5)
0.031
(0.8)
*450 Vdc (500 Volts Surge)
10
SH100M450ST
26.53
80
0.512
(13.0)
0.984
(25.0)
0.197
(5.0)
0.024
(0.6)
* Over 160 Vdc the ripple is measured at 85 ºC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com