Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH331M050ST Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SH331M050ST
Description  2000 Hour Long Life, Aluminum Electrolytic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SH331M050ST Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SH331M050ST Datasheet HTML 1Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 2Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 3Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 4Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 5Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 6Page - Cornell Dubilier Electronics SH331M050ST Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SH 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
2000 Hour Long Life, Aluminum Electrolytic
Specifcations
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
DC Leakage Current:
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).
Dissipation Factor @ 120 Hz, +25 ºC:
Ripple Multipliers for Frequency and Temperature:
Ambient
Ripple
Temperature Multiplier
+105 ºC
1.00
+85 ºC
1.50
+70 ºC
1.80
Load Life Test:
Shelf Life:
Type SH is a radial leaded aluminum electrolytic ca-
pacitor with a +105 ºC, 2000 hour long life rating. The
SH is a high reliability product and is ideal for high
quality applications that require long life in high tem-
peratures environments.
Highlights
•
+105 ºC
•
2000 hours - long life
•
High reliability
•
Available in T&R and ammo pack
1.0 to 4700 µF
6.3 to 450 Vdc
±20%
–40 ºC to +105 ºC (–25 ºC for 160 to 450 Vdc)
After 2 minutes, 25 ºC at rated voltage
6.3 to 100 Vdc
I = .01CV + 3 µA Max
≥ 160 Vdc after voltage applied for 3 minutes
I = .03CV + 10 µA Max
C = Capacitance in (µF)
V = Rated voltage
I = Leakage current in µA
WV (V) 6.3 10 16 25 35 50 63 100 160-250 400-450
DF(%) 26 22 18 16 14 12 10 10
15
20
Above 1000 µF, the value of DF (%) is increased 2% for every additional 1000 µF
Rated
Ripple Multipliers
WVDC
60Hz
120Hz
1kHz
10kHz
6 to 25
35 to 100
160 to 450
0.80
0.75
0.70
1.0
1.0
1.0
1.1
1.3
1.4
1.2
1.4
1.6
Apply Rated WVDC for 2000 hours at +105 ºC
Capacitance change within 20% of initial value
DF not to exceed 200% of initial requirement
DC Leakage current meets initial limits
1000 hrs @105 ºC with no voltage applied
Cap change within 20% of initial value
DF ≤ 200% of initial requirements
DC leakage current meets initial requirement


Similar Part No. - SH331M050ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SH331M050ST CDE-SH331M050ST Datasheet
483Kb / 5P
105 ?CRadial Leaded Aluminum Electorlytic Capacitors
More results

Similar Description - SH331M050ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
400C CDE-400C Datasheet
343Kb / 6P
Long-Life, C Radial Leaded, Aluminum Electrolytic
500C CDE-500C Datasheet
591Kb / 12P
Long-Life, Screw Terminal, Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
Extended life 2000 hour
logo
Vishay Siliconix
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
10-Jan-17
logo
Cornell Dubilier Electr...
SK101M6R3ST CDE-SK101M6R3ST_18 Datasheet
551Kb / 8P
2000 Hour Long Life, General Purpose Aluminum Electrolytic
SEK CDE-SEK_18 Datasheet
588Kb / 8P
Long Life, Aluminum Electrolytic
MLP CDE-MLP_18 Datasheet
495Kb / 6P
Ultra Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
Aluminum Electrolytic Capacitors Radial Long Life
15-Jul-16
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
10-Aug-2022
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
27-Mar-2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com