Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68147IRAZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL68147IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68147IRAZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL68147IRAZ Datasheet HTML 1Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
ISL68147
FN8880 Rev.2.00
Page 4 of 47
Jul 14, 2017
Functional Pin Descriptions Refer to Table 4 on page 19 for design layout considerations.
PIN NUMBER
PIN NAME
DESCRIPTION
7, 6, 5, 4, 3, 2, 1
PWM[6:0]
Pulse width modulation outputs. Connect these pins to the PWM input pins of 3.3V logic-compatible Intersil
smart power stages, driver IC(s), or power stages.
8, 10
GND
Ground pins. Connect directly to system GND plane.
9, 11, 12, 46,
47, 48
DNC
Do not connect any signals to these pins.
13
EN0
Input pin used for enable control of Output 0. Active high. Connect to ground if not used.
14
EN1
Input pin used for enable control of Output 1. Active high. Connect to ground if not used.
15
TWARN
Thermal warning flag. This open-drain output will be pulled low in the event of a sensed over-temperature at
TMON pins without disabling the regulators. Maximum pull-up voltage is VCC.
16
PG0
Open-drain, power-good indicators for Output 0. Maximum pull-up voltage is VCC.
17
PG1
Open-drain, power-good indicators for Output 1. Maximum pull-up voltage is VCC.
18
SCL
Serial clock signal pin for SMBus interface. Maximum pull-up voltage is VCC.
19
SDA
Serial data signal pin for SMBus interface. Maximum pull-up voltage is VCC.
20
SALRT
Serial alert signal pin for SMBus interface. Maximum pull-up voltage is VCC.
21
CONFIG
Configuration ID selection pin. See Table 3 on page 16 for more details.
22
VINSEN
Input voltage sense pin. Connect to VIN through a resistor divider (typically 402k/10k) with a 10nF decoupling
capacitor.
23
VSEN1
Positive differential voltage sense input for Output 1. Connect to positive remote sensing point. Connect to
ground if not used.
24
RGND1
Negative differential voltage sense input for Output 1. Connect to negative remote sensing point. Connect to
ground if not used.
25, 27, 29, 31,
33, 35, 37
CSRTN[6:0]
The CS and CSRTN pins are current sense inputs to individual phase differential amplifiers. Unused phases
should have their respective current sense inputs grounded. The ISL68147 supports smart power stage, DCR,
and resistor sensing. Connection details depend on the current sense method chosen.
26, 28, 30, 32,
34, 36, 38
CS[6:0]
39
RGND0
Negative differential voltage sense input for Output 0. Connect to negative remote sensing point. Connect to
ground if not used.
40
VSEN0
Positive differential voltage sense input for Output 0. Connect to positive remote sensing point. Connect to
ground if not used.
41
SA
PMBus address selection pin. See Table 2 on page 12 for more details.
42
VCC
Chip primary bias input. Connect this pin directly to a +3.3V supply with a high quality MLCC bypass capacitor.
43
VCCS
Internally generated 1.2V LDO logic supply from VCC. Decouple with 4.7µF or greater MLCC (X5R or better).
44
TMON0
Input pin for external temperature measurement at Output 0. Supports diode based temperature sensing as well
as smart power stage sensing. Refer to “Temperature Compensation” on page 15 for more information.
45
TMON1
Input pin for external temperature measurement at Output 1. Supports diode based temperature sensing as well
as smart power stage sensing. Refer to “Temperature Compensation” on page 15 for more information.
EPAD
GND
Package pad serves as GND return for all chip functions. Connect directly to system GND plane with multiple
thermal vias.
Driver, DrMOS, and Smart Power Stage Recommendations
INTERSIL PART
NUMBER
QUIESCENT
CURRENT
(mA)
GATE
DRIVE VOLTAGE
(V)
NUMBER OF
DRIVERS
COMMENTS
ISL99227
4.85
5
Single
60A, 5x5 smart power stage
ISL99140
0.19
5
Single
40A, 6x6 DrMOS
ISL6596
0.19
5
Single
Connect ISL6596 VCTRL to 3.3V
ISL6617A
5
N/A
N/A
Phase Doubler with 5V PWM output to be compatible with 60A DrMOS
or with 60A smart power stage. Supports up to a 14-phase design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com