Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68147IRAZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL68147IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68147IRAZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL68147IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
ISL68147
FN8880 Rev.2.00
Page 14 of 47
Jul 14, 2017
This method senses the resistance of a metal winding where the
DCR value will increase with temperature. This must be
compensated or the sensed (and reported) current will increase
with temperature. To compensate for the temperature effect, the
ISL68147 provides temperature sensing options and an internal
methodology to apply the correction.
RESISTIVE SENSING
For more accurate current sensing, a dedicated current sense
resistor, RSENSE, in series with each output inductor can serve as
the current sense element. However, this technique reduces the
overall converter efficiency due to the additional power loss on
the current sense element, RSENSE.
A current sensing resistor has a distributed parasitic inductance,
known as Equivalent Series Inductance (ESL), typically less than
4nH. Consider the ESL as a separate lumped quantity, as shown
in Figure 10. The phase current IL, flowing through the inductor,
will also pass through the ESL. Similar to DCR sensing described
previously, a simple R-C network across the current sense
resistor extracts the RSENSE voltage. Simply match the
ESL/RSENSE time constant to the R-C time constant.
Figure 11 shows the sensed waveforms with and without
matching RC when using resistive sense. The PCB layout should
be treated similar to that described for DCR sense.
L/DCR OR ESL/RSEN MATCHING
Assuming the compensator design is correct, Figure 12 shows
the expected load transient response waveforms if L/DCR or
ESL/RSEN is matching the R-C time constant. When the load
current IOUT has a square change, the output voltage VOUT also
has a square response, except for the potential overshoot at load
release. However, there is always some uncertainty in the true
parameter values involved in the time constant matching and
therefore fine-tuning is generally required.
If the R-C time constant is too large or too small, VC(t) will not
accurately represent real-time IOUT(t) and will worsen the
transient response. Figure 13 shows the load transient response
when the R-C timing constant is too small. In this condition, VOUT
will sag excessively upon load insertion and might create a
system failure or early overcurrent trip. Figure 14 shows the
transient response when the R-C timing constant is too large.
VOUT is sluggish in drooping to its final value. Use these general
guides if fine-tuning is needed.
SPS CURRENT SENSING
SPS current sense is accomplished by sensing each SPS IMON
output individually using VCCS as a common reference. Connect
all SPS IREF input pins and all ISL68147 CSRTNn input pins
together and tie them to VCCS, then connect the SPS IMONn
output pins to the corresponding ISL68147 CSn input pins. The
signals should be run as differential pairs from the SPS back to
the ISL68147.
Temperature Sensing
The ISL68147 supports temperature sensing through BJT or
smart power stage sense elements. Support for BJT sense
elements uses the well known delta Vbe method and allows up
to two sensors (MMBT3906 or similar) on each temperature
sense input, TMON0 and TMON1. Support for smart power stage
uses a linear conversion algorithm and allows one sensor reading
per pin. The conversion from voltage to temperature for smart
power stage sensing is user-programmable through
PowerNavigator.
SPS temperature sensing measures the temperature-dependent
voltage output on the SPS TMON pin. All of the SPS devices
attached to the Output 0 rail have their TMON pins connected to
the ISL68147 TMON0 pin. All of the SPS devices attached to the
Output 1 rail have their TMON pins connected to the ISL68147
FIGURE 10. SENSE RESISTOR IN SERIES WITH INDUCTOR
CSn
CSRTNn
C
R
RSENSE
ESL
RSENSE
R
C
VOUT
VPHASE
IC
ESL
CURRENT
SENSE
FIGURE 11. VOLTAGE ACROSS R WITH AND WITHOUT RC
MISMATCHED RC
MATCHED RC
FIGURE 12. DESIRED LOAD TRANSIENT RESPONSE WAVEFORMS
IOUT
VOUT
FIGURE 13. LOAD TRANSIENT RESPONSE WHEN R-C TIME
CONSTANT IS TOO SMALL
IOUT
VOUT
FIGURE 14. LOAD TRANSIENT RESPONSE WHEN R-C TIME
CONSTANT IS TOO LARGE
IOUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com