Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68147IRAZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL68147IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68147IRAZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL68147IRAZ Datasheet HTML 1Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
FN8880 Rev.2.00
Page 1 of 47
Jul 14, 2017
FN8880
Rev.2.00
Jul 14, 2017
ISL68147
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for
Cavium
DATASHEET
The ISL68147 is a digital dual output, flexible multiphase
(X+Y ≤ 7) PWM controller developed to support the latest
Cavium CN99xx server class processors. The ISL68147
supports the PMbus1.3 specification and meets the latest Intel
server-class transient performance specifications. Either
output can be configured to support any desired phase
assignments up to a maximum of seven phases across the two
outputs (X+Y). For example, 6+1, 5+2, 4+2, 3+3, 3+2, or even
a single output operation as a 7+0 configuration. With full
digital control, this new generation of controllers ushers in
design flexibility by supporting any microprocessor, FPGA, or
Digital ASIC rail requirements that includes adjustable load
setting. The ISL68147 uses the Intersil proprietary linear
synthetic digital current modulation scheme to achieve the
industry’s best combination of transient response and ease of
tuning while addressing the challenges of modern multiphase
designs.
Device configuration and telemetry monitoring is
accomplished using the Intersil PowerNavigator™ GUI. The
ISL68147 device supports on-chip, nonvolatile memory to
store various configuration settings that are user-selectable
through pin strap, giving system designers increased power
density to configure and deploy multiple configurations. The
device supports an automatic phase add/drop feature to allow
maximum efficiency across all load ranges. Thresholds for
automatic phase add/drop are user-programmable using
PowerNavigator.
The ISL68147 supports a comprehensive fault management
system to enable the design of highly reliable systems. From a
multitiered overcurrent protection scheme to the configurable
power-good and output overvoltage/undervoltage fault
thresholds and temperature monitoring, almost any need is
accommodated.
With minimal external components, easy configuration, robust
fault management, and highly accurate regulation capability,
implementing a high-performance, multiphase regulator has
never been easier.
Applications
• Networking equipment
• Telecom/datacom equipment
• Server/storage equipment
• Point-of-load power supply (Memory, DSP, ASIC, FPGA)
Features
• Advanced linear digital modulation scheme
- Zero latency synthetic current control for excellent HF
current balance
- Dual-edge modulation for fastest transient response
• Auto phase add/drop for excellent load vs efficiency profile
• PMBus 1.3 support
- Telemetry - VIN, VOUT, IOUT, power IN/OUT, temperature,
and various fault status registers
- Up to 2MHz bus interface
• Flexible phase configuration
- 7+0, 6+1, 5+2, 4+3 phase operation
- Operation using fewer than seven phases between two
outputs is also supported
• Diode braking for overshoot reduction
• Differential remote voltage sensing supports ±0.5% closed
loop system accuracy over load, line, and temperature
• Highly accurate current sensing for excellent load line
regulation and accurate OCP
- Supports the ISL99227 60A smart power stages
- Supports DCR sense with integrated temperature
compensation
• Supports Phase Doubler (ISL6617A) for up to 14-phase
operation
• Comprehensive fault management enables high reliability
systems
- Pulse-by-pulse phase current limiting
- Total output current protection
- Output and input OV/UV
- Open voltage sense detect
- Black box recording capability for faults
• Intuitive configuration using PowerNavigator
- NVM to store up to 8 configurations
• Pb-free (RoHS compliant)
Related Literature
• For a full list of related documents, visit our website
- ISL68147 product page


Similar Part No. - ISL68147IRAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68144 RENESAS-ISL68144 Datasheet
2Mb / 48P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus for Cavium
ISL68144IRAZ RENESAS-ISL68144IRAZ Datasheet
2Mb / 48P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus for Cavium
More results

Similar Description - ISL68147IRAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68134 INTERSIL-ISL68134_16 Datasheet
880Kb / 50P
Digital Dual Output, 7-Phase Configurable PWM
September 28, 2016
ISL69137 INTERSIL-ISL69137 Datasheet
88Kb / 2P
Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
September 6, 2016
logo
Renesas Technology Corp
ISL68124 RENESAS-ISL68124 Datasheet
1Mb / 46P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
ISL68144 RENESAS-ISL68144 Datasheet
2Mb / 48P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus for Cavium
ISL69138 RENESAS-ISL69138 Datasheet
242Kb / 2P
Digital, Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
ISL69158 RENESAS-ISL69158 Datasheet
236Kb / 2P
Digital Dual Output, 7-Phase Configurable, VR13/VR13.HC/IMVP8 PWM Controller
ISL69124 RENESAS-ISL69124 Datasheet
187Kb / 2P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69128 RENESAS-ISL69128 Datasheet
180Kb / 2P
Digital Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
Jan 12, 2018
ISL69137 RENESAS-ISL69137 Datasheet
183Kb / 2P
Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
Feb 28, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com