Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC591LP5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC591LP5
Description  GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC591LP5 Datasheet(HTML) 3 Page - Analog Devices

  HMC591LP5 Datasheet HTML 1Page - Analog Devices HMC591LP5 Datasheet HTML 2Page - Analog Devices HMC591LP5 Datasheet HTML 3Page - Analog Devices HMC591LP5 Datasheet HTML 4Page - Analog Devices HMC591LP5 Datasheet HTML 5Page - Analog Devices HMC591LP5 Datasheet HTML 6Page - Analog Devices HMC591LP5 Datasheet HTML 7Page - Analog Devices HMC591LP5 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 304
v02.0107
GaAs PHEMT MMIC 2 WATT
POWER AMPLIFIER, 6.0 - 9.5 GHz
Power Compression @ 8 GHz,
7V @ 1340 mA
Output IP3 vs. Temperature
7V @ 940 mA, Pin/Tone = -15 dBm
Output IM3, 7V @ 940 mA
Output IM3, 7V @ 1340 mA
10
20
30
40
50
60
70
80
90
100
-20
-16
-12
-8
-4
0
4
8
6 GHz
7 GHz
8 GHz
9 GHz
10 GHz
Pin/Tone (dBm)
0
5
10
15
20
25
30
35
-14
-10
-6
-2
2
6
10
14
18
Pout
Gain
PAE
INPUT POWER (dBm)
0
20
40
60
80
100
-20
-16
-12
-8
-4
0
4
8
6 GHz
7 GHz
8 GHz
9 GHz
10 GHz
Pin/Tone (dBm)
26
30
34
38
42
46
6
6.5
7
7.5
8
8.5
9
9.5
10
+25C
+85C
-40C
FREQUENCY (GHz)
Psat vs. Current
P1dB vs. Current
26
28
30
32
34
36
6
6.5
7
7.5
8
8.5
9
9.5
10
940 mA
1140 mA
1340 mA
FREQUENCY (GHz)
26
28
30
32
34
36
6
6.5
7
7.5
8
8.5
9
9.5
10
940 mA
1140 mA
1340 mA
FREQUENCY (GHz)
HMC591LP5 / 591LP5E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com