Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC591LP5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC591LP5
Description  GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC591LP5 Datasheet(HTML) 1 Page - Analog Devices

  HMC591LP5 Datasheet HTML 1Page - Analog Devices HMC591LP5 Datasheet HTML 2Page - Analog Devices HMC591LP5 Datasheet HTML 3Page - Analog Devices HMC591LP5 Datasheet HTML 4Page - Analog Devices HMC591LP5 Datasheet HTML 5Page - Analog Devices HMC591LP5 Datasheet HTML 6Page - Analog Devices HMC591LP5 Datasheet HTML 7Page - Analog Devices HMC591LP5 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 302
HMC591LP5 / 591LP5E
v02.0107
General Description
Features
Functional Diagram
The HMC591LP5 & HMC591LP5E are high dynamic
range GaAs PHEMT MMIC 2 Watt Power Amplifiers
which operate from 6 to 9.5 GHz. The amplifier
provides 18 dB of gain, +33 dBm of saturated power,
and 19% PAE from a +7V supply. This 50 Ohm mat-
ched
amplifier
does
not
require
any
external
components and the RF I/Os are DC blocked for
robust operation. For applications which require
optimum OIP3, Idd should be set for 940 mA, to
yield +41 dBm OIP3. For applications which require
optimum output P1dB, Idd should be set for 1340 mA,
to yield +33 dBm Output P1dB.
Saturated Output Power: +33 dBm @ 20% PAE
Output IP3: +41 dBm
Gain: 18 dB
DC Supply: +7.V @ 1340 mA
50 Ohm Matched Input/Output
QFN Leadless SMT Packages, 25 mm2
Electrical Specifications, T
A = +25° C, Vdd = +7V, Idd = 1340 mA
[1]
Typical Applications
The HMC591LP5 / HMC591LP5E is ideal for use as a
power amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Test Equipment & Sensors
• Military End-Use
• Space
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
6 - 8
6 - 9.5
GHz
Gain
16
19
15
18
dB
Gain Variation Over Temperature
0.05
0.05
dB/ °C
Input Return Loss
14
12
dB
Output Return Loss
12
10
dB
Output Power for 1 dB
Compression (P1dB)
30
32
30
33
dBm
Saturated Output Power (Psat)
32.5
33
dBm
Output Third Order Intercept (IP3)[2]
41
41
dBm
Supply Current (Idd)
1340
1340
mA
[1] Adjust Vgg between -2 to 0V to achieve Idd= 1340 mA typical.
[2] Measurement taken at 7V @ 940mA, Pin/Tone = -15 dBm
GaAs PHEMT MMIC 2 WATT
POWER AMPLIFIER, 6.0 - 9.5 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC591LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5 Datasheet
273Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
logo
Analog Devices
HMC591LP5 AD-HMC591LP5 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC591LP5E HITTITE-HMC591LP5E Datasheet
367Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5E HITTITE-HMC591LP5E Datasheet
273Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
More results

Similar Description - HMC591LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC952 HITTITE-HMC952 Datasheet
785Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC1029 HITTITE-HMC1029 Datasheet
1Mb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC906A AD-HMC906A Datasheet
594Kb / 12P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC863ALC4 AD-HMC863ALC4 Datasheet
915Kb / 11P
GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER
HMC998A AD-HMC998A Datasheet
1,009Kb / 16P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC7357LP5GE AD-HMC7357LP5GE Datasheet
659Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC7441 AD-HMC7441 Datasheet
550Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC591 AD-HMC591 Datasheet
414Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC6981LS6 AD-HMC6981LS6 Datasheet
861Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com