Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC591LP5 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC591LP5
Description  GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC591LP5 Datasheet(HTML) 4 Page - Analog Devices

  HMC591LP5 Datasheet HTML 1Page - Analog Devices HMC591LP5 Datasheet HTML 2Page - Analog Devices HMC591LP5 Datasheet HTML 3Page - Analog Devices HMC591LP5 Datasheet HTML 4Page - Analog Devices HMC591LP5 Datasheet HTML 5Page - Analog Devices HMC591LP5 Datasheet HTML 6Page - Analog Devices HMC591LP5 Datasheet HTML 7Page - Analog Devices HMC591LP5 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 305
v02.0107
GaAs PHEMT MMIC 2 WATT
POWER AMPLIFIER, 6.0 - 9.5 GHz
Reverse Isolation
vs. Temperature, 7V @ 1340 mA
Power Dissipation
-80
-60
-40
-20
0
6789
10
+25C
+85C
-40C
FREQUENCY (GHz)
Gain & Power vs. Supply Voltage @ 8 GHz
Gain & Power vs. Supply Current @ 8 GHz
16
20
24
28
32
36
6.5
7
7.5
Gain
P1dB
Psat
Vdd SUPPLY VOLTAGE (Vdc)
16
20
24
28
32
36
940
1140
1340
Gain
P1dB
Psat
Idd SUPPLY CURRENT (mA)
6
7
8
9
10
-14
-10
-6
-2
2
6
10
14
6 GHz
7 GHz
8 GHz
9 GHz
10 GHz
INPUT POWER (dBm)
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+8 Vdc
Gate Bias Voltage (Vgg)
-2.0 to 0 Vdc
RF Input Power (RFIN)(Vdd = +7.0 Vdc) +15 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 75 °C)
(derate 104.3 mW/°C above 75 °C)
10.43 W
Thermal Resistance
(channel to package bottom)
9.59 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Vdd (V)
Idd (mA)
+6.5
1350
+7.0
1340
+7.5
1330
Typical Supply Current vs. Vdd
Note: Amplifier will operate over full voltage ranges shown
above Vgg adjusted to achieve Idd = 1340 mA at +7.0V
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC591LP5 / 591LP5E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com