Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6058024 Datasheet(PDF) 2 Page - SICK AG

Part # 6058024
Description  INDUCTIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6058024 Datasheet(HTML) 2 Page - SICK AG

  6058024 Datasheet HTML 1Page - SICK AG 6058024 Datasheet HTML 2Page - SICK AG 6058024 Datasheet HTML 3Page - SICK AG 6058024 Datasheet HTML 4Page - SICK AG 6058024 Datasheet HTML 5Page - SICK AG 6058024 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IH03-01BNSVU2K | IMM
INDUCTIVE PROXIMITY SENSORS
Illustration may differ
Ordering information
Type
Part no.
IH03-01BNSVU2K
6058024
Other models and accessories
www.sick.com/IMM
Detailed technical data
Features
Housing
Cylindrical smooth housing
Housing
Ultrashort
Diameter
Ø 3 mm
Sensing range Sn
1 mm
Safe sensing range Sa
0.81 mm
Installation type
Flush
Switching frequency
8,000 Hz
Connection type
Cable, 3-wire, 2 m 1)
Switching output
NPN
Output function
NO
Electrical wiring
DC 3-wire
Enclosure rating
IP67 2)
1) Do not bend below 0 °C.
2) According to EN 60529.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Ripple
≤ 20 % 1)
Voltage drop
≤ 2 V 2)
Current consumption
≤ 10 mA 3)
Time delay before availability
≤ 10 ms
Hysteresis
1 % ... 10 %
Reproducibility
≤ 2 % 4)
Temperature drift (of Sr)
± 10 %
EMC
EN 60947-5-2
1) Of VS.
2) With Ia = 100 mA.
3) Without load.
4) Ub = 20 V DC ... 30 V DC, Ta = 23 °C ± 5 °C.
2
PROXIMITY SENSORS | SICK
Online data sheet | 2018-06-11 10:11:13
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com