Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6058024 Datasheet(PDF) 3 Page - SICK AG

Part # 6058024
Description  INDUCTIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6058024 Datasheet(HTML) 3 Page - SICK AG

  6058024 Datasheet HTML 1Page - SICK AG 6058024 Datasheet HTML 2Page - SICK AG 6058024 Datasheet HTML 3Page - SICK AG 6058024 Datasheet HTML 4Page - SICK AG 6058024 Datasheet HTML 5Page - SICK AG 6058024 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IH03-01BNSVU2K | IMM
INDUCTIVE PROXIMITY SENSORS
IEC 61000-4-2: (Testlevel 2)
IEC 61000-4-4: (Testlevel 3)
Continuous current Ia
≤ 100 mA
Cable material
PUR
Conductor size
0.055 mm²
Cable diameter
Ø 2.6 mm
Short-circuit protection
✔
Reverse polarity protection
✔
Shock and vibration resistance
30 g, 11 ms / 10 ... 55 Hz, 1 mm
Ambient operating temperature
–25 °C ... +70 °C
Housing material
Stainless steel, Stainless steel (V2A, 304)
Sensing face material
Plastic, Plastic
Housing length
12 mm
UL File No.
NRKH.E191603
1) Of VS.
2) With Ia = 100 mA.
3) Without load.
4) Ub = 20 V DC ... 30 V DC, Ta = 23 °C ± 5 °C.
Reduction factors
Note
The values are reference values which may vary
Stainless steel (V2A, 304)
Approx. 0.8
Aluminum (Al)
Approx. 0.5
Copper (Cu)
Approx. 0.45
Brass (Br)
Approx. 0.6
Installation note
Remark
Associated graphic see "Installation"
A
1 mm
B
2 mm
C
3 mm
D
3 mm
E
0 mm
F
8 mm
Classifications
ECl@ss 5.0
27270101
ECl@ss 5.1.4
27270101
ECl@ss 6.0
27270101
ECl@ss 6.2
27270101
ECl@ss 7.0
27270101
ECl@ss 8.0
27270101
ECl@ss 8.1
27270101
ECl@ss 9.0
27270101
ETIM 5.0
EC002714
2018-06-11 10:11:13 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com