Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6058024 Datasheet(PDF) 5 Page - SICK AG

Part # 6058024
Description  INDUCTIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6058024 Datasheet(HTML) 5 Page - SICK AG

  6058024 Datasheet HTML 1Page - SICK AG 6058024 Datasheet HTML 2Page - SICK AG 6058024 Datasheet HTML 3Page - SICK AG 6058024 Datasheet HTML 4Page - SICK AG 6058024 Datasheet HTML 5Page - SICK AG 6058024 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IH03-01BNSVU2K | IMM
INDUCTIVE PROXIMITY SENSORS
Dimensional drawing (Dimensions in mm (inch))
Ultrashort, flush, cable
12 (0.47)
Ø 2.6 (0.1)
1
7.5 (0.3)
2
①  Indication LED
②  Connection
Recommended accessories
Other models and accessories
www.sick.com/IMM
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, M8, 3-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YF8U13-020VA1XLEAX
2095860
Head A: female connector, M8, 3-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
YF8U13-050VA1XLEAX
2095884
Head A: female connector, M8, 3-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 10 m
YF8U13-100VA1XLEAX
2095885
Head A: female connector, M8, 3-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YG8U13-020VA1XLEAX
2096165
Head A: female connector, M8, 3-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
YG8U13-050VA1XLEAX
2096166
Head A: female connector, M8, 3-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 10 m
YG8U13-100VA1XLEAX
2096209
Head A: female connector, M8, 3-pin, straight, A-coded
Head B: male connector, M12, 3-pin, straight, A-coded
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YF8U13-020VA1M2A13
2096605
Head A: female connector, M8, 3-pin, straight, A-coded
Head B: male connector, M12, 3-pin, straight, A-coded
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
YF8U13-050VA1M2A13
2096606
Head A: female connector, M8, 3-pin, straight
Head B: -
Cable: unshielded
DOS-0803-G
7902077
Head A: female connector, M8, 3-pin, angled
Head B: -
Cable: unshielded
DOS-0803-W
7902078
Head A: male connector, M8, 3-pin, straight
Head B: -
Cable: unshielded
STE-0803-G
6037322
2018-06-11 10:11:13 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com