Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2227CSZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # EL2227CSZ
Description  Dual, Very Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2227CSZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button EL2227CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 9Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 10Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 11Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 12Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 13Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
EL2227
FN7058 Rev 4.00
Page 14 of 14
September 14 ,2010
Package Outline Drawing
M8.118A
8 LEAD MINI SMALL OUTLINE PLASTIC PACKAGE (MSOP)
Rev 0, 9/09
Plastic or metal protrusions of 0.15mm max per side are not
Dimensions “D” and “E1” are measured at Datum Plane “H”.
This replaces existing drawing # MDP0043 MSOP 8L.
Plastic interlead protrusions of 0.25mm max per side are not
Dimensioning and tolerancing conform to JEDEC MO-187-AA
6.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
DETAIL "X"
SIDE VIEW 1
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
SIDE VIEW 2
included.
included.
GAUGE
PLANE
3°±3°
0.25
C A B
B
0.10 C
0.08
C A B
A
0.25
0.55 ± 0.15
0.95 BSC
0.18 ± 0.05
1.10 Max
C
H
4.40
3.00
5.80
0.65
3.0±0.1
4.9±0.15
1.40
0.40
0.65 BSC
PIN# 1 ID
DETAIL "X"
0.33 +0.07/ -0.08
0.10 ± 0.05
3.0±0.1
1
2
8
0.86±0.09
SEATING PLANE
and AMSE Y14.5m-1994.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com