Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2227CSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL2227CSZ
Description  Dual, Very Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2227CSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL2227CSZ Datasheet HTML 1Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 2Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 3Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 4Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 5Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN7058 Rev 4.00
Page 1 of 14
September 14 ,2010
FN7058
Rev 4.00
September 14 ,2010
EL2227
Dual, Very Low Noise Amplifier
DATASHEET
The EL2227 is a dual, low-noise amplifier, ideally suited to
line receiving applications in ADSL and HDSLII designs.
With low noise specification of just 1.9nV/
Hz and
1.2pA/
Hz, the EL2227 is perfect for the detection of very
low amplitude signals.
The EL2227 features a -3dB bandwidth of 115MHz and is
gain-of-2 stable. The EL2227 also affords minimal power
dissipation with a supply current of just 4.8mA per amplifier.
The amplifier can be powered from supplies ranging from
±2.5V to ±12V.
The EL2227 is available in a space-saving 8 Ld MSOP
package as well as the industry-standard 8 Ld SOIC. It can
operate over the -40°C to +85°C temperature range.
Pinout
EL2227
(8 LD SOIC, 8 LD MSOP)
TOP VIEW
Features
• Voltage noise of only 1.9nV/
Hz
• Current noise of only 1.2pA/
Hz
• Bandwidth (-3dB) of 115MHz @AV = +2
• Gain-of-2 stable
• Just 4.8mA per amplifier
• 8 Ld MSOP and 8 Ld SOIC package
• ±2.5V to ±12V operation
• Pb-free available (RoHS compliant)
Applications
• ADSL receivers
• HDSLII receivers
• Ultrasound input amplifiers
• Wideband instrumentation
• Communications equipment
• AGC and PLL active filters
• Wideband sensors
.
1
2
3
4
8
7
6
5
-
+
-
+
VS-
VS+
VINA+
VINA-
VOUTA
VOUTB
VINB-
VINB+
Ordering Information
PART
NUMBER
PART
MARKING
TEMP
RANGE
(°C)
PACKAGE
PKG.
DWG.#
EL2227CYZ*
(Note)
BASAA
-40 to +85 8 Ld MSOP
(3.0mm) (Pb-free)
M8.118A
EL2227CS*
2227CS
-40 to +85 8 Ld SOIC
(150 mil)
M8.15E
EL2227CSZ*
(Note)
2227CSZ
-40 to +85 8 Ld SOIC
(150 mil) (Pb-free)
M8.15E
*Add “-T7” or “-T13” suffix for tape and reel. Please refer to TB347 for
details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
NOT REC
OMMEND
ED FOR N
EW DESI
GNS
NO RECO
MMENDE
D REPLA
CEMENT
contact o
ur Techni
cal Suppo
rt Center
at
1-888-INT
ERSIL or
www.inte
rsil.com/t
sc


Similar Part No. - EL2227CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2227CSZ INTERSIL-EL2227CSZ Datasheet
294Kb / 14P
Dual Very Low Noise Amplifier
May 1, 2007
EL2227CSZ INTERSIL-EL2227CSZ Datasheet
441Kb / 14P
Dual, Very Low Noise Amplifier
September 14 ,2010
EL2227CSZ-T13 INTERSIL-EL2227CSZ-T13 Datasheet
294Kb / 14P
Dual Very Low Noise Amplifier
May 1, 2007
EL2227CSZ-T7 INTERSIL-EL2227CSZ-T7 Datasheet
294Kb / 14P
Dual Very Low Noise Amplifier
May 1, 2007
More results

Similar Description - EL2227CSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-270 AD-OP-270 Datasheet
601Kb / 16P
DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER
logo
Elantec Semiconductor
EL2227C ELANTEC-EL2227C Datasheet
182Kb / 15P
Dual Very Low Noise Amplifier
logo
STMicroelectronics
TDA3420 STMICROELECTRONICS-TDA3420 Datasheet
171Kb / 5P
DUAL VERY LOW NOISE PREAMPLIFIER
Jun-1988
logo
Analog Devices
OP270 AD-OP270 Datasheet
525Kb / 16P
Dual Very Low Noise Precision Operational Amplifier
4/03-Data Sheet changed from REV. B to REV. C.
logo
Intersil Corporation
EL2227 INTERSIL-EL2227_07 Datasheet
294Kb / 14P
Dual Very Low Noise Amplifier
May 1, 2007
EL2227 INTERSIL-EL2227 Datasheet
441Kb / 14P
Dual, Very Low Noise Amplifier
September 14 ,2010
logo
Analog Devices
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
Dual Very Low Noise Precision Operational Amplifier
Rev. E
logo
AVAGO TECHNOLOGIES LIMI...
MGA-12516 AVAGO-MGA-12516 Datasheet
637Kb / 16P
High Gain, Matched-Pair Dual, Very Low Noise Amplifier
logo
Analog Devices
OP270 AD-OP270_17 Datasheet
383Kb / 21P
Dual Very Low Noise Precision Operational Amplifier
10/15-Rev. E to Rev. F
logo
Broadcom Corporation.
MGA-12516 BOARDCOM-MGA-12516 Datasheet
637Kb / 16P
High Gain, Matched-Pair Dual, Very Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com