Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2227CSZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL2227CSZ
Description  Dual, Very Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2227CSZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL2227CSZ Datasheet HTML 1Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 2Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 3Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 4Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 5Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2227CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EL2227
FN7058 Rev 4.00
Page 2 of 14
September 14 ,2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . . .28V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS- - 0.3V, VS +0.3V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 40mA
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
ESD Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +12V, VS- = -12V, RL = 500 and CL = 3pF to 0V, RF = RG = 620, and TA = +25°C, Unless Otherwise
Specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
-0.2
3
mV
TCVOS
Average Offset Voltage Drift
-0.6
µV/°C
IB
Input Bias Current
VCM = 0V
-9
-3.4
µA
RIN
Input Impedance
7.3
M
CIN
Input Capacitance
1.6
pF
CMIR
Common-Mode Input Range
-11.8
+10.4
V
CMRR
Common-Mode Rejection Ratio
For VIN from -11.8V to 10.4V
60
94
dB
AVOL
Open-Loop Gain
-5V
VOUT 5V
70
87
dB
eN
Voltage Noise
f = 100kHz
1.9
nV/
Hz
iN
Current Noise
f = 100kHz
1.2
pA/
Hz
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
RL = 500
-10.4
-10
V
RL = 250
-9.8
-9
V
VOH
Output Swing High
RL = 500
10
10.4
V
RL = 250
9.5
10
V
ISC
Short Circuit Current
RL = 10
140
180
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from ±2.25V to ±12V
65
95
dB
IS
Supply Current (Per Amplifier)
No Load
4.8
6.5
mA
VS
Operating Range
±2.5
±12
V
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 2)
±2.5V square wave, measured 25% to 75%
40
50
V/µs
tS
Settling to 0.1% (AV = +2)
(AV = +2), VO = ±1V
65
ns
BW
-3dB Bandwidth
RF = 358
115
MHz
HD2
2nd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500, RF = 358
93
dBc
f = 1MHz, VO = 2VP-P, RL = 150, RF = 358
83
dBc
HD3
3rd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500, RF = 358
94
dBc
f = 1MHz, VO = 2VP-P, RL = 150, RF = 358
76
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com