Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2276CS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL2276CS
Description  70MHz/1mA Current Mode Feedback Amp w/Disable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2276CS Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL2276CS Datasheet HTML 1Page - Renesas Technology Corp EL2276CS Datasheet HTML 2Page - Renesas Technology Corp EL2276CS Datasheet HTML 3Page - Renesas Technology Corp EL2276CS Datasheet HTML 4Page - Renesas Technology Corp EL2276CS Datasheet HTML 5Page - Renesas Technology Corp EL2276CS Datasheet HTML 6Page - Renesas Technology Corp EL2276CS Datasheet HTML 7Page - Renesas Technology Corp EL2276CS Datasheet HTML 8Page - Renesas Technology Corp EL2276CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
E L2276
FN7054 Rev 1.00
Page 3 of 14
May 6, 2005
AC Electrical Specifications
VS = ±5V, RF = RG = 1.0k, RL = 150, ENABLE = 0V, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
-3dB BW
-3dB Bandwidth
AV = +1
70
MHz
-3dB BW
-3dB Bandwidth
AV = +2
60
MHz
SR
Slew Rate
VOUT = ±2.5V, AV = +2
400
800
V/µs
tR, tF
Rise and Fall Time
VOUT = ±500mV
4.5
ns
tPD
Propagation Delay
VOUT = ±50mV
4.5
ns
OS
Overshoot
VOUT = ±500mV
3.0
%
ts
0.1% Settling
VOUT = ±2.5V, AV = -1
40
ns
dG
Differential Gain
AV = +2, RL = 150 (Note 1)
0.15
%
dP
Differential Phase
AV = +2, RL = 150(Note 1)
0.15
°
dG
Differential Gain
AV = +1, RL = 500 (Note 1)
0.02
%
dP
Differential Phase
AV = +1, RL = 500 (Note 1)
0.01
°
tON
Turn-On Time
AV = +2, VIN = +1V, RL = 150(Note 2)
40
100
ns
tOFF
Turn-Off Time
AV = +2, VIN = +1V, RL = 150 (Note 2)
1500
2000
ns
CS
Channel Separation
f = 5MHz
85
dB
NOTES:
1. DC offset from 0V to 0.714V, AC amplitude 286mVP-P, f = 3.58MHz.
2. Measured from the application of the logic signal until the output voltage is at the 50% point between initial and final values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com