Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2276CS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL2276CS
Description  70MHz/1mA Current Mode Feedback Amp w/Disable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2276CS Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL2276CS Datasheet HTML 1Page - Renesas Technology Corp EL2276CS Datasheet HTML 2Page - Renesas Technology Corp EL2276CS Datasheet HTML 3Page - Renesas Technology Corp EL2276CS Datasheet HTML 4Page - Renesas Technology Corp EL2276CS Datasheet HTML 5Page - Renesas Technology Corp EL2276CS Datasheet HTML 6Page - Renesas Technology Corp EL2276CS Datasheet HTML 7Page - Renesas Technology Corp EL2276CS Datasheet HTML 8Page - Renesas Technology Corp EL2276CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN7054 Rev 1.00
Page 1 of 14
May 6, 2005
FN7054
Rev 1.00
May 6, 2005
E L2276
70MHz/1mA Current Mode Feedback Amp w/Disable
DATASHEET
The EL2276 is a dual current-feedback operational amplifier
which achieves a -3dB bandwidth of 70MHz at a gain of +1
while consuming only 1mA of supply current per amplifier. It
will operate with dual supplies ranging from ±1.5V to ±6V, or
from single supplies ranging from +3V to +12V. The EL2276
also includes a disable/power-down feature which reduces
current consumption to 0mA while placing the amplifier
output in a high impedance state. In spite of its low supply
current, the EL2276 can output 55mA while swinging to ±4V
on ±5V supplies. These attributes make the EL2276
excellent choice for low power and/or low voltage cable-
driver, HDSL, or RGB applications.
Features
• Dual topology
• 1mA supply current (per amplifier)
• 70MHz -3dB bandwidth
•Low cost
• Fast disable
• Powers down to 0mA
• Single- and dual-supply operation down to ±1.5V
• 0.15%/0.15° diff. gain/diff. phase into 150
• 800V/µs slew rate
• Large output drive current: 55mA
• Pb-Free available (RoHS compliant)
Applications
• Low power/battery applications
• HDSL amplifiers
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment amplifiers
• Current to voltage converters
Ordering Information
PART NUMBER
PACKAGE
TAPE & REEL PKG. DWG. #
EL2276CS
14-Pin SOIC
-
MDP0027
EL2276CS-T7
14-Pin SOIC
7”
MDP0027
EL2276CS-T13
14-Pin SOIC
13”
MDP0027
EL2276CSZ
(See Note)
14-Pin SOIC
(Pb-free)
-
MDP0027
EL2276CSZ-T7
(See Note)
14-Pin SOIC
(Pb-free)
7”
MDP0027
EL2276CSZ-T13
(See Note)
14-Pin SOIC
(Pb-free)
13”
MDP0027
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinout
EL2276
(14-PIN SO)
TOP VIEW
Manufactured under U.S. Patent No. 5,352,989, 5,351,012,
5,418,495
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - EL2276CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2276CS ELANTEC-EL2276CS Datasheet
359Kb / 20P
70 MHz/1 mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2276CS INTERSIL-EL2276CS Datasheet
316Kb / 14P
70MHz/1mA Current Mode Feedback Amp W/Disable
December 1995
EL2276CS INTERSIL-EL2276CS Datasheet
328Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
May 6, 2005
EL2276CS-T13 INTERSIL-EL2276CS-T13 Datasheet
328Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
May 6, 2005
EL2276CS-T7 INTERSIL-EL2276CS-T7 Datasheet
328Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
May 6, 2005
More results

Similar Description - EL2276CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2176C ELANTEC-EL2176C Datasheet
359Kb / 20P
70 MHz/1 mA Current Mode Feedback Amp w/Disable
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
250MHz/3mA Current Mode Feedback Amp w/Disable
EL2386C ELANTEC-EL2386C Datasheet
337Kb / 16P
250 MHz Triple Current Feedback Amp w/Disable
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
250MHz/3mA Current Mode Feedback Amp w/Disable
September 26, 2001
EL2176 INTERSIL-EL2176 Datasheet
316Kb / 14P
70MHz/1mA Current Mode Feedback Amp W/Disable
December 1995
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
70MHz/1mA Current Mode Feedback Amplifiers
July 13, 2004
EL2470 INTERSIL-EL2470 Datasheet
344Kb / 14P
70MHz/1mA Current Mode Feedback Amplifiers
November 13, 2002
EL2166 INTERSIL-EL2166 Datasheet
377Kb / 15P
110MHz Current Feedback Amplifier with Disable
EL2276 INTERSIL-EL2276 Datasheet
328Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
May 6, 2005
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
100MHz Current Feedback Video Amplifier With Disable
June 5, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com