Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2276CS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL2276CS
Description  70MHz/1mA Current Mode Feedback Amp w/Disable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2276CS Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL2276CS Datasheet HTML 3Page - Renesas Technology Corp EL2276CS Datasheet HTML 4Page - Renesas Technology Corp EL2276CS Datasheet HTML 5Page - Renesas Technology Corp EL2276CS Datasheet HTML 6Page - Renesas Technology Corp EL2276CS Datasheet HTML 7Page - Renesas Technology Corp EL2276CS Datasheet HTML 8Page - Renesas Technology Corp EL2276CS Datasheet HTML 9Page - Renesas Technology Corp EL2276CS Datasheet HTML 10Page - Renesas Technology Corp EL2276CS Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
E L2276
FN7054 Rev 1.00
Page 7 of 14
May 6, 2005
Typical Performance Curves (Continued)
Input Bias Current vs
Die Temperature
Short-Circuit Current vs
Die Temperature
Transimpedance (ROL) vs
Die Temperature
-3dB Bandwidth and Peaking
vs Die Temperature for
Various Non-Inverting Gains
-3dB Bandwidth and Peaking
vs Die Temperature for
Various Inverting Gains
Input Offset Voltage
vs Die Temperature
Supply Current vs
Die Temperature
Input Voltage Range vs
Die Temperature
Slew Rate vs
Die Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com