Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2386CSZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # EL2386CSZ
Description  250MHz Triple Current Feedback Amplifier with Disable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2386CSZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button EL2386CSZ Datasheet HTML 2Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 3Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 4Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 5Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 9Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
EL2386
FN7155 Rev 1.00
Page 6 of 13
June 24, 2004
Typical Performance Curves (Continued)
VOLTAGE AND CURRENT
NOISE vs FREQUENCY
2ND AND 3RD HARMONIC
DISTORTION vs FREQUENCY
OUTPUT VOLTAGE SWING
vs FREQUENCY
-3dB BANDWIDTH AND
PEAKING vs SUPPLY
VOLTAGE FOR VARIOUS
NON-INVERTING GAINS
-3DB BANDWIDTH AND
PEAKING vs SUPPLY
VOLTAGE FOR VARIOUS
INVERTING GAINS
OUTPUT VOLTAGE SWING
vs SUPPLY VOLTAGE
SUPPLY CURRENT vs
SUPPLY VOLTAGE
COMMON-MODE INPUT
RANGE vs SUPPLY VOLTAGE
SLEW RATE vs SUPPLY
VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com