Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2386CSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL2386CSZ
Description  250MHz Triple Current Feedback Amplifier with Disable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2386CSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL2386CSZ Datasheet HTML 1Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 2Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 3Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 4Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 5Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FN7155 Rev 1.00
Page 1 of 13
June 24, 2004
FN7155
Rev 1.00
June 24, 2004
EL2386
250MHz Triple Current Feedback Amplifier with Disable
DATASHEET
The EL2386 is a triple current-feedback operational amplifier
which achieves a -3dB bandwidth of 250MHz at a gain of +1
while consuming only 3mA of supply current per amplifier. It
will operate with dual supplies ranging from ±1.5V to ±6V, or
from single supplies ranging from +3V to +12V. The EL2386
also includes a disable/power-down feature which reduces
current consumption to 0mA while placing the amplifier
output in a high impedance state. In spite of its low supply
current, the EL2386 can output 55mA while swinging to ±4V
on ±5V supplies. These attributes make the EL2386 an
excellent choice for low power and/or low voltage cable-
driver, HDSL, or RGB applications.
For single and dual applications, consider the EL2186/
EL2286. For single, dual, and quad applications without
disable, consider the EL2180, EL2280, or EL2480, all in
industry-standard pinouts. The EL2180 also is available in
the tiny SOT-23 package, which is 28% the size of an SO8
package. For lower power applications where speed is still a
concern, consider the EL2170/EL2176 family which also
comes in similar single, dual, and quad configurations. The
EL2170/EL2176 family provides a -3dB bandwidth of 70MHz
while consuming 1mA of supply current per amplifier.
Features
• Triple amplifier topology
• 3mA supply current (per amplifier)
• 250MHz -3dB bandwidth
• Low cost
• Fast disable
• Powers down to 0mA
• Single- and dual-supply operation down to ±1.5V
• 0.05%/0.05° diff. gain/diff. phase into 150
• 1200V/µs slew rate
• Large output drive current: 55mA
• Available in single (EL2186) and dual (EL2286)
• Non power-down versions available in single, dual, and
quad (EL2180, EL2280, EL2480)
• Lower power EL2170/EL2176 family also available
(1mA/70MHz) in single, dual, and quad
• Pb-free available
Applications
• Low power/battery applications
• HDSL amplifiers
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment amplifiers
• Current to voltage converters
• Multiplexing
• Video broadcast equipment
Pinout
EL2386
(16-PIN SO)
TOP VIEW
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL2386CS
16-Pin SO (0.150”)
-
MDP0027
EL2386CS-T7
16-Pin SO (0.150”)
7”
MDP0027
EL2386CS-T13 16-Pin SO (0.150”)
13”
MDP0027
EL2386CSZ
(Note)
16-Pin SO (0.150”)
(Pb-Free)
-
MDP0027
EL2386CSZ-T7
(Note)
16-Pin SO (0.150”)
(Pb-Free)
7”
MDP0027
EL2386CSZ-
T13 (Note)
16-Pin SO (0.150”)
(Pb-Free)
13”
MDP0027
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.


Similar Part No. - EL2386CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2386CSZ INTERSIL-EL2386CSZ Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
EL2386CSZ-T7 INTERSIL-EL2386CSZ-T7 Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
EL2386CSZT13 INTERSIL-EL2386CSZT13 Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
More results

Similar Description - EL2386CSZ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Elantec Semiconductor
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
250MHz/3mA Current Mode Feedback Amp w/Disable
September 26, 2001
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
logo
Burr-Brown (TI)
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3684 BURR-BROWN-OPA3684 Datasheet
469Kb / 26P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3684 TI1-OPA3684_17 Datasheet
1Mb / 34P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com