Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2386CSZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL2386CSZ
Description  250MHz Triple Current Feedback Amplifier with Disable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2386CSZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL2386CSZ Datasheet HTML 3Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 4Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 5Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 9Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 10Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
EL2386
FN7155 Rev 1.00
Page 7 of 13
June 24, 2004
Typical Performance Curves (Continued)
-3dB BANDWIDTH AND PEAKING
vs DIE TEMPERATURE FOR
VARIOUS NON-INVERTING GAINS
-3dB BANDWIDTH vs
DIE TEMPERATURE FOR
VARIOUS INVERTING GAINS
INPUT BIAS CURRENT
vs DIE TEMPERATURE
SHORT-CIRCUIT CURRENT
vs DIE TEMPERATURE
TRANSIMPEDANCE (ROL)
vs DIE TEMPERATURE
INPUT OFFSET VOLTAGE
vs DIE TEMPERATURE
SUPPLY CURRENT vs DIE
TEMPERATURE
INPUT VOLTAGE RANGE
vs DIE TEMPERATURE
SLEW RATE vs
DIE TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com