Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4342 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL4342
Description  500MHz Triple Multiplexing Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4342 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL4342 Datasheet HTML 6Page - Renesas Technology Corp EL4342 Datasheet HTML 7Page - Renesas Technology Corp EL4342 Datasheet HTML 8Page - Renesas Technology Corp EL4342 Datasheet HTML 9Page - Renesas Technology Corp EL4342 Datasheet HTML 10Page - Renesas Technology Corp EL4342 Datasheet HTML 11Page - Renesas Technology Corp EL4342 Datasheet HTML 12Page - Renesas Technology Corp EL4342 Datasheet HTML 13Page - Renesas Technology Corp EL4342 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FIGURE 24. APPLICATION SHOWING THREE YPBPR CHANNELS AND ONE RGB+HV CHANNEL
Pb1
Pb2
Pb3
G
Pr1
Pr2
Pr3
B
INOA
IN1A
IN2A
IN3A
INOB
IN1B
IN2B
IN3B
INOC
IN1C
IN2C
IN3C
31
1
7
12
29
3
9
14
27
5
10
16
EL4342IL
S0
S1
H SYNC
V SYNC
18
17
OUTC 19
20
OUTB
OUTA 22
V-
V+
5V
-5V
0.1µF 0.1µF
1nF
1nF
Y1
Y2
Y3
R
R1
75
R2
75
R3
75
R5
75
R7
75
R9
75
R4
75
R6
75
R8
75
R11
75
R10
75
R12
75
GNDA
GNDB
GNDC
NIC
NIC
NIC
NIC
NIC
NIC
NIC
NIC
32
6
11
2
4
8
13
15
24
28
30
ISL84517IH-T
COM
1
NC
2
V-
V+
5V
-5V
0.1µF0.1µF
1nF
1nF
IN
4
NC7ST00P5X
OUT
4
INPUT
1
INPUT 2
5V
0.1µF
1nF
5V
GND
23
21
ENABLE
LOGIC INPUTS
25
HIZ 26
R16
500
R17
500
R18
500
3
5
3
5
ISL84517IH-T
COM
1
NC 2
V-
V+
5V
-5V
0.1µF0.1µF
1nF
1nF
IN
4
3
5
SC70
SOT-23
SOT-23
QFN
OPTIONAL SCHOTTKY PROTECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com