Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4342 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL4342
Description  500MHz Triple Multiplexing Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4342 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL4342 Datasheet HTML 1Page - Renesas Technology Corp EL4342 Datasheet HTML 2Page - Renesas Technology Corp EL4342 Datasheet HTML 3Page - Renesas Technology Corp EL4342 Datasheet HTML 4Page - Renesas Technology Corp EL4342 Datasheet HTML 5Page - Renesas Technology Corp EL4342 Datasheet HTML 6Page - Renesas Technology Corp EL4342 Datasheet HTML 7Page - Renesas Technology Corp EL4342 Datasheet HTML 8Page - Renesas Technology Corp EL4342 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EL4340, EL4342
FN7421 Rev.4.00
Page 2 of 14
Oct 4, 2017
Pin Configurations
EL4340
(24 LD QSOP)
TOP VIEW
EL4342
(32 LD QFN)
TOP VIEW
FIGURE 1. FUNCTIONAL DIAGRAM EL4340
FIGURE 2. FUNCTIONAL DIAGRAM EL4342
GND B
NIC
GND A
IN0A
IN0B
NIC
LE
ENABLE
HIZ
OUTA
NIC
IN0C
V+
OUTB
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
IN1B
NIC
IN1A
OUTC
V-
NIC
IN1C
GND C
S0
NIC
AV=1
AV=1
AV=1
LATCHED ON HIGH LE
NIC = NO INTERNAL CONNECTION
THERMAL
PAD
25
24
23
22
21
20
19
1
2
3
4
5
6
7
IN1A
NIC
IN1B
NIC
IN1C
GND B
IN2A
ENABLE
NIC
V+
OUTA
V-
OUTB
OUTC
8
9
18
17
S0
S1
NIC
IN2B
AV=1
AV=1
AV=1
THERMAL PAD INTERNALLY CONNECTED TO V-.
NIC = NO INTERNAL CONNECTION
PAD MUST BE TIED TO V-
OUT
DECODE
IN0(A, B, C)
IN1(A, B, C)
C
C
LE
S0
ENABLE
DL Q
DL Q
EN0
EN1
HIZ
A LOGIC HIGH ON LE WILL LATCH THE LAST S0 STATE.
THIS LOGIC STATE IS PRESERVED WHEN CYCLING HIZ
OR ENABLE FUNCTIONS.
AMPLIFIER BIAS
DECODE
IN0(A, B, C)
IN1(A, B, C)
IN2(A, B, C)
IN3(A, B, C)
S0
S1
EN0
EN1
EN3
EN2
OUT
HIZ
ENABLE
AMPLIFIER BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com