Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4342 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # EL4342
Description  500MHz Triple Multiplexing Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4342 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button EL4342 Datasheet HTML 6Page - Renesas Technology Corp EL4342 Datasheet HTML 7Page - Renesas Technology Corp EL4342 Datasheet HTML 8Page - Renesas Technology Corp EL4342 Datasheet HTML 9Page - Renesas Technology Corp EL4342 Datasheet HTML 10Page - Renesas Technology Corp EL4342 Datasheet HTML 11Page - Renesas Technology Corp EL4342 Datasheet HTML 12Page - Renesas Technology Corp EL4342 Datasheet HTML 13Page - Renesas Technology Corp EL4342 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
EL4340, EL4342
FN7421 Rev.4.00
Page 13 of 14
Oct 4, 2017
Quad Flat No-Lead Plastic Package (QFN)
Micro Lead Frame Plastic Package (MLFP)
PIN #1
I.D. MARK
2
1
3
2X
0.075
TOP VIEW
NE
2
3
1
PIN #1 I.D.
b
L
BOTTOM VIEW
DETAIL X
PLANE
SEATING
N LEADS
C
SEE DETAIL "X"
A1
(L)
N LEADS
& EXPOSED PAD
0.10
SIDE VIEW
0.10
B
A
M C
C
B
A
E
2X
0.075 C
D
3
5
7
(E2)
(D2)
e
0.08 C
C
(c)
A
2
C
L32.5x6A (One of 10 Packages in MDP0046)
32 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
(COMPLIANT TO JEDEC MO-220)
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.80
0.90
1.00
-
A1
0.00
0.02
0.05
-
D
5.00 BSC
-
D2
2.48 REF
-
E
6.00 BSC
-
E2
3.40 REF
-
L
0.45
0.50
0.55
-
b
0.17
0.22
0.27
-
c
0.20 REF
-
e
0.50 BSC
-
N
32 REF
4
ND
7 REF
6
NE
9 REF
5
Rev 1 2/09
NOTES:
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Tiebar view shown is a non-functional feature.
3. Bottom-side pin #1 I.D. is a diepad chamfer as shown.
4. N is the total number of terminals on the device.
5. NE is the number of terminals on the “E” side of the package
(or Y-direction).
6. ND is the number of terminals on the “D” side of the package
(or X-direction). ND = (N/2)-NE.
7. Inward end of terminal may be square or circular in shape with
radius (b/2) as shown.
For the most recent package outline drawing, see L32.5x6A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com