Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTIM Datasheet(PDF) 95 Page - ATMEL Corporation

Part # AT89C51RD2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTIM Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTIM Datasheet HTML 91Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 92Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 93Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 94Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 95Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 96Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 97Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 98Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 137 page
background image
95
AT89C51RD2/ED2
4235E–8051–04/04
Flash/EEPROM
Memory
The Flash memory increases EEPROM and ROM functionality with in-circuit electrical
erasure and programming. It contains 64K bytes of program memory organized respec-
tively in 512 pages of 128 bytes. This memory is both parallel and serial In-System
Programmable (ISP). ISP allows devices to alter their own program memory in the
actual end product under software control. A default serial loader (bootloader) program
allows ISP of the Flash.
The programming does not require external dedicated programming voltage. The nec-
essary high programming voltage is generated on-chip using the standard VCC pins of
the microcontroller.
Features
•
Flash EEPROM Internal Program Memory
•
Boot vector allows user provided Flash loader code to reside anywhere in the Flash
memory space. This configuration provides flexibility to the user.
•
Default loader in Boot ROM allows programming via the serial port without the need
of a user provided loader.
•
Up to 64K bytes external program memory if the internal program memory is
disabled (EA = 0).
•
Programming and erasing voltage with standard power supply
•
Read/Programming/Erase:
–
Byte-wise read without wait state
–
Byte or page erase and programming (10 ms)
•
Typical programming time (64K bytes) is 22s with on chip serial bootloader
•
Parallel programming with 87C51 compatible hardware interface to programmer
•
Programmable security for the code in the Flash
•
100K write cycles
•
10 years data retention
Flash Programming and
Erasure
The 64-K byte Flash is programmed by bytes or by pages of 128 bytes. It is not neces-
sary to erase a byte or a page before programming. The programming of a byte or a
page includes a self erase before programming.
There are three methods of programming the Flash memory:
1.
The on-chip ISP bootloader may be invoked which will use low level routines to
program the pages. The interface used for serial downloading of Flash is the
UART.
2.
The Flash may be programmed or erased in the end-user application by calling
low-level routines through a common entry point in the Boot ROM.
3.
The Flash may be programmed using the parallel method by using a conven-
tional EPROM programmer. The parallel programming method used by these
devices is similar to that used by EPROM 87C51 but it is not identical and the
commercially available programmers need to have support for the
AT89C51RD2/ED2. The bootloader and the Application Programming Interface
(API) routines are located in the BOOT ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com