Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTIM Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT89C51RD2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTIM Datasheet(HTML) 2 Page - ATMEL Corporation

  AT89C51RD2-RDTIM Datasheet HTML 1Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 2Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 3Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 4Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 5Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 6Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 7Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 8Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 137 page
background image
2
AT89C51RD2/ED2
4235E–8051–04/04
The AT89C51RD2/ED2 retains all of the features of the Atmel 80C52 with 256 bytes of
internal RAM, a 9-source 4-level interrupt controller and three timer/counters. The
AT89C51ED2 provides 2048 bytes of EEPROM for nonvolatile data storage.
In addition, the AT89C51RD2/ED2 has a Programmable Counter Array, an XRAM of
1792 bytes, a Hardware Watchdog Timer, SPI interface, Keyboard, a more versatile
serial channel that facilitates multiprocessor communication (EUART) and a speed
improvement mechanism (X2 Mode).
The fully static design of the AT89C51RD2/ED2 allows to reduce system power con-
sumption by bringing the clock frequency down to any value, including DC, without loss
of data.
The AT89C51RD2/ED2 has 2 software-selectable modes of reduced activity and an 8-
bit clock prescaler for further reduction in power consumption. In the Idle mode the CPU
is frozen while the peripherals and the interrupt system are still operating. In the Power-
down mode the RAM is saved and all other functions are inoperative.
The added features of the AT89C51RD2/ED2 make it more powerful for applications
that need pulse width modulation, high speed I/O and counting capabilities such as
alarms, motor control, corded phones, and smart card readers.
Table 1. Memory Size and I/O Pins
Package
Flash (Bytes)
XRAM (Bytes)
Total RAM (Bytes)
I/O
PLCC44/VQFP44/DIL40
64K
1792
2048
34
PLCC68/VQFP64
64K
1792
2048
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com