Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTIM Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89C51RD2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTIM Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTIM Datasheet HTML 7Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 8Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 9Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 10Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 11Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 12Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 13Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 14Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 137 page
background image
11
AT89C51RD2/ED2
4235E–8051–04/04
Table 13. Pin Description
Mnemonic
Pin Number
Type
Name and Function
PLCC44 VQFP44
PLCC68
VQFP64
PDIL40
V
SS
22
16
51
40
20
I
Ground: 0V reference
VCC
44
38
17
8
40
I
Power Supply: This is the power supply voltage for normal, idle and
power-down operation
P0.0 - P0.7
43 - 36
37 - 30
15, 14,
12, 11,
9,6, 5, 3
6, 5, 3,
2, 64,
61,60,59
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that
have 1s written to them float and can be used as high impedance inputs.
Port 0 must be polarized to V
CC or VSS in order to prevent any parasitic
current consumption. Port 0 is also the multiplexed low-order address
and data bus during access to external program and data memory. In this
application, it uses strong internal pull-up when emitting 1s. Port 0 also
inputs the code bytes during EPROM programming. External pull-ups are
required during program verification during which P0 outputs the code
bytes.
32-39
P1.0 - P1.7
2 - 9
40 - 44
1 - 3
19, 21,
22, 23,
25, 27,
28, 29
10, 12,
13, 14,
16, 18,
19, 20
1-8
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1
pins that have 1s written to them are pulled high by the internal pull-ups
and can be used as inputs. As inputs, Port 1 pins that are externally
pulled low will source current because of the internal pull-ups. Port 1 also
receives the low-order address byte during memory programming and
verification.
Alternate functions for AT89C51RD2/ED2 Port 1 include:
240
19
10
1
I/O
P1.0: Input/Output
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout
341
21
12
2
I/O
P1.1: Input/Output
I
T2EX: Timer/Counter 2 Reload/Capture/Direction Control
I
SS: SPI Slave Select
442
22
13
3
I/O
P1.2: Input/Output
I
ECI: External Clock for the PCA
543
23
14
4
I/O
P1.3: Input/Output
I/O
CEX0: Capture/Compare External I/O for PCA module 0
644
25
16
5
I/O
P1.4: Input/Output
I/O
CEX1: Capture/Compare External I/O for PCA module 1
7
1
27
18
6
I/O
P1.5: Input/Output
I/O
CEX2: Capture/Compare External I/O for PCA module 2
I/O
MISO: SPI Master Input Slave Output line
When SPI is in master mode, MISO receives data from the slave periph-
eral. When SPI is in slave mode, MISO outputs data to the master con-
troller.
8
2
28
19
7
I/O
P1.6: Input/Output
I/O
CEX3: Capture/Compare External I/O for PCA module 3
I/O
SCK: SPI Serial Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com