Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTIM Datasheet(PDF) 106 Page - ATMEL Corporation

Part # AT89C51RD2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTIM Datasheet(HTML) 106 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTIM Datasheet HTML 102Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 103Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 104Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 105Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 106Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 107Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 108Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 109Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 110Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 137 page
background image
106
AT89C51RD2/ED2
4235E–8051–04/04
Full Chip Erase
The ISP command "Full Chip Erase" erases all user Flash memory (fills with FFh) and
sets some bytes used by the bootloader at their default values:
•
BSB = FFh
•
SBV = FCh
•
SSB = FFh
The Full Chip Erase does not affect the bootloader.
Checksum Error
When a checksum error is detected, send ‘X’ followed with CR&LF.
Flow Description
Overview
An initialization step must be performed after each Reset. After microcontroller reset,
the bootloader waits for an autobaud sequence (see section ‘Autobaud Performances’).
When the communication is initialized, the protocol depends on the record type
requested by the host.
FLIP, a software utility to implement ISP programming with a PC, is available from the
Atmel web site.
Communication Initialization
The host initializes the communication by sending a ’U’ character to help the bootloader
to compute the baudrate (autobaud).
Figure 46. Initialization
Host
Bootloader
"U"
Performs Autobaud
Init Communication
If (Not Received "U")
"U"
Communication Opened
Else
Sends Back “U” Character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com