Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTIM Datasheet(PDF) 115 Page - ATMEL Corporation

Part # AT89C51RD2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTIM Datasheet(HTML) 115 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTIM Datasheet HTML 111Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 112Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 113Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 114Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 115Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 116Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 117Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 118Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 119Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 137 page
background image
115
AT89C51RD2/ED2
4235E–8051–04/04
PROGRAM SSB
05h
XXh
DPH = 00h
DPL = 00h
00h
ACC = SSB value
Set SSB level 1
DPH = 00h
DPL = 01h
Set SSB level 2
DPH = 00h
DPL = 10h
Set SSB level 0
DPH = 00h
DPL = 11h
Set SSB level 1
PROGRAM BSB
06h
New BSB
value
0000h
XXh
none
Program boot status byte
PROGRAM SBV
06h
New SBV
value
0001h
XXh
none
Program software boot vector
READ SSB
07h
XXh
0000h
XXh
ACC = SSB
Read Software Security Byte
READ BSB
07h
XXh
0001h
XXh
ACC = BSB
Read Boot Status Byte
READ SBV
07h
XXh
0002h
XXh
ACC = SBV
Read Software Boot Vector
PROGRAM DATA
PAGE
09h
Number of
byte to
program
Address of
the first byte
to program in
the Flash
memory
Address in
XRAM of the
first data to
program
ACC = 0: DONE
Program up to 128 bytes in user Flash.
Remark: number of bytes to program is
limited such as the Flash write remains in a
single 128 bytes page. Hence, when ACC
is 128, valid values of DPL are 00h, or, 80h.
PROGRAM X2 FUSE
0Ah
Fuse value
00h or 01h
0008h
XXh
none
Program X2 fuse bit with ACC
PROGRAM BLJB
FUSE
0Ah
Fuse value
00h or 01h
0004h
XXh
none
Program BLJB fuse bit with ACC
READ HSB
0Bh
XXh
XXXXh
XXh
ACC = HSB
Read Hardware Byte
READ BOOT ID1
0Eh
XXh
DPL = 00h
XXh
ACC = ID1
Read boot ID1
READ BOOT ID2
0Eh
XXh
DPL = 01h
XXh
ACC = ID2
Read boot ID2
READ BOOT VERSION
0Fh
XXh
XXXXh
XXh
ACC = Boot_Version
Read bootloader version
Table 76. API Call Summary (Continued)
Command
R1
A
DPTR0
DPTR1
Returned Value
Command Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com