Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTIM Datasheet(PDF) 124 Page - ATMEL Corporation

Part # AT89C51RD2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTIM Datasheet(HTML) 124 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTIM Datasheet HTML 120Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 121Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 122Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 123Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 124Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 125Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 126Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 127Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 128Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 137 page
background image
124
AT89C51RD2/ED2
4235E–8051–04/04
Table 84. AC Parameters for a Fix Clock
Table 85. AC Parameters for a Variable Clock
Shift Register Timing
Waveforms
External Clock Drive
Waveforms
Symbol
-M
Units
Min
Max
TXLXL
300
ns
TQVHX
200
ns
TXHQX
30
ns
TXHDX
0ns
TXHDV
117
ns
Symbol
Type
Standard
Clock
X2 Clock
X Parameter For
-M Range
Units
T
XLXL
Min
12 T
6 T
ns
T
QVHX
Min
10 T - x
5 T - x
50
ns
T
XHQX
Min
2 T - x
T - x
20
ns
T
XHDX
Min
x
x
0
ns
T
XHDV
Max
10 T - x
5 T- x
133
ns
INPUT DATA
VALID
VALID
VALID
VALID
01
2345
6
8
7
ALE
CLOCK
OUTPUT DATA
WRITE to SBUF
CLEAR RI
TXLXL
TQVXH
TXHQX
TXHDV
TXHDX
SET TI
SET RI
INSTRUCTION
01
2345
67
VALID
VALID
VALID
VALID
V
CC-0.5V
0.45V
0.7VCC
0.2V
CC-0.1
TCHCL
TCLCX
TCLCL
TCLCH
TCHCX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com