Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635IRZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL97635IRZ
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635IRZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL97635IRZ Datasheet HTML 1Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 2Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 3Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 4Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 4 of 28
Sep 26, 2017
Pin Descriptions (I = Input, O = Output, S = Supply)
PIN
NAME
TYPE
DESCRIPTION
1
SMBCLK
I
SMBus serial clock input
2
SMBDAT
I/O
SMBus serial data input and output
3
FPWM
I
Connect a capacitor between FPWM and GND to set the DPWM frequency. FPWM = 5.4µ/CFPWM
If SMBus PWM or DPST mode is used, connect CFPWM to GND to set the dimming frequency. Also, connect CPWMO between
VPWMO and GND pins for DPST operation. If DC-to-PWM mode is used, connect CFPWM to set the dimming frequency and
apply a 0.21V to 1.21V at VPWMO.
4
PWMO
I/O
PWMI buffered output. If one connects a capacitor between PWMO and GND, it forms a low pass filter with an internal 40k
resistor, which filters the PWMI signal for DPST operation when Reg 0x01 = 0x01. If one applies a 0.2V to 1.2V DC input voltage,
the output will be PWM with duty cycle proportional to the DC input.
5
GND
S
Analog GND and LED power return
6
PWMI/EN
I
Dual Functions: Enable pin and PWM brightness control pin or DPST control input. DO NOT let PWMI/EN floating. The device
needs 4ms for initial power-up Enable, then this pin can be applied with a PWM signal with off-time no longer than 28ms.
7
IIN7
I
Input 7 to current source, FB, and monitoring
8
IIN6
I
Input 6 to current source, FB, and monitoring
9
IIN5
I
Input 5 to current source, FB, and monitoring
10
IIN4
I
Input 4 to current source, FB, and monitoring
11
RSET
I
Resistor connection for setting LED current, (see Equation 1 for calculating the ILEDmax)
12
IIN3
I
Input 3 to current source, FB, and monitoring
13
IIN2
I
Input 2 to current source, FB, and monitoring
14
IIN1
I
Input 1 to current source, FB, and monitoring
15
IIN0
I
Input 0 to current source, FB, and monitoring
16
OVP
I
Overvoltage protection input
17, 18
PGND
S
Power ground (LX Power return)
19, 20
LX
I
Input to boost switch
21
FAULT
O
Fault disconnect switch
22
COMP
O
Boost compensation pin
23
VIN
S
Input voltage for the device and LED power
24
VDC
S
De-couple capacitor for internally generated supply rail. If 2.7V < VBL+ < 5.5V, apply VDC directly with a supply voltage of
2.7V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com