Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635IRZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL97635IRZ
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635IRZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL97635IRZ Datasheet HTML 1Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 2Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 3Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 4Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FN6434
Rev.3.00
Sep 26, 2017
ISL97635
SMBus 8-Channel LED Driver
DATASHEET
FN6434 Rev.3.00
Page 1 of 28
Sep 26, 2017
The ISL97635 is a digitally controlled LED driver that controls 8
channels of LED current for LCD backlight applications. The
ISL97635 is capable of driving typically 72 (8x9) pieces of
3.5V/30mA or 80 (8x10) pieces of 3.2V/20mA LEDs. The
ISL97635’s 8 channels of voltage controlled current sources
with typical currents matching of ±1%, which compensate for
the non-uniformity effect of forward voltages variance in the
LED stacks. To minimize the voltage headroom and power loss
in the typical multi-strings operation, the ISL97635 features a
dynamic headroom control that monitors the highest LED
forward voltage string and uses its feedback signal for output
regulation.
The LED dimming control can be achieved through a SMBus,
an external PWM, or a variable DC (analog light sensor) input.
SMBus controlled dimming allows 256 levels each of PWM
and DC current adjustments. The SMBus PWM dimming
frequency can be adjusted from 100Hz to 5kHz by an external
capacitor. External PWM input allows up to 20kHz audio noise
free PWM dimming. The SMBus PWM setting and an external
PWMI signal can also be combined to provide a dynamic PWM
dimming that complies with Intel’s DPST (Display Power
Saving Technology) requirement.
One or more channels can be selected sequentially in any
order, allowing scrolling in RGB LED backlighting applications.
The ISL97635 features extensive protection functions that
include string open and short-circuit detections, OVP, OTP,
thermal shutdown, and an optional input overcurrent
protection with master fault disconnect switch. The fault
conditions will be recorded in the Fault/Status register. There
are selectable short-circuit thresholds and the switching
frequency can be programmed between 600kHz and 1.2MHz.
Available in the 24 Ld 4mmx4mm QFN, the ISL97635
operates from -40°C to +85°C with input voltage ranging from
6V to 24V.
Related Literature
• For a full list of related documents, visit our website
- ISL97635 product page
Features
• 8 channels
• 6V to 24V input
• 34.5V output maximum
• Drive maximally 72 (3.5V/30mA each) or 80 (3.2V/20mA
each) LEDs
• Current matching ±1% typical
• Dynamic headroom control
• Dimming controls
- SMBus 8-bit PWM current control
- SMBus 8-bit DC current control
- External PWM input up to 20kHz dimming
- SMBus and external PWM DPST dimming control
- DC-to-PWM dimming control
•Protections
- String open circuit detection
- String short-circuit detection with selectable thresholds
- Over-temperature protection
- Overvoltage protection
- Input overcurrent protection with disconnect switch
• 600kHz/1.2MHz selectable fSW
• Selectable channels allows scrolling backlight
•24 Ld (4mmx4mm) QFN package
• Pb-free (RoHS compliant)
Applications
• Notebook displays WLED or RGB LED backlighting
• LCD monitor LED backlighting
• Automotive displays LED backlighting
• Automotive or traffic lighting


Similar Part No. - ISL97635IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97635IRZ INTERSIL-ISL97635IRZ Datasheet
744Kb / 28P
SMBus 8-Channel LED Driver
December 22, 2008
ISL97635IRZ INTERSIL-ISL97635IRZ Datasheet
741Kb / 28P
SMBus 8-Channel LED Driver
December 22, 2008
More results

Similar Description - ISL97635IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97677 INTERSIL-ISL97677 Datasheet
967Kb / 23P
SMBus/I2C 8-Channel LED Driver
November 13, 2009
ISL97635 INTERSIL-ISL97635 Datasheet
744Kb / 28P
SMBus 8-Channel LED Driver
December 22, 2008
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
8-Channel LED Driver
May 9, 2008
ISL97635AIRZ-TK INTERSIL-ISL97635AIRZ-TK Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635IRZ INTERSIL-ISL97635IRZ Datasheet
741Kb / 28P
SMBus 8-Channel LED Driver
December 22, 2008
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97636IRZ INTERSIL-ISL97636IRZ Datasheet
653Kb / 18P
8-Channel LED Driver
May 9, 2008
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
SMBus 6-Channel LED Driver
ISL97677 RENESAS-ISL97677 Datasheet
1Mb / 24P
SMBus/I2C 8-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com