Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635IRZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL97635IRZ
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635IRZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL97635IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 15Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 16Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 17Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 18Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 19Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 16 of 28
Sep 26, 2017
7CH0 LED Open Circuit
but has paralleled
Zener
Upper OTP not triggered
but VIIN0 > VSC
CH0 OFF
CH1 through CH7 Normal
Highest VF of CH1
through CH7
Upper OTP not triggered
but VIINx > VSC
CH0 remains ON and has highest VF,
thus VOUT increases.
VOUT increases then CH-X switches
OFF. This is an unwanted shut off
and can be prevented by setting
OVP and/or VSC at an appropriate
level.
VF of CH0
8
Channel-to-Channel
VF too high
Lower OTP triggered but
VIINx < VSC
Any channel at below 50% of the target current will fault out after 400µs.
Remaining channels driven with normal current.
Highest VF of CH0
through CH7
9
Channel-to-Channel
VF too high
Upper OTP triggered but
VIINx < VSC
All channels switched off until chip cooled and then comes back on with
current reduced to 76%. Further OTP triggers result in reduction to 53%,
then 30%. Thermal event reported in Fault/Status Register.
Highest VF of CH0
through CH7
10
Output LED stack
voltage too high
VOUT > VOVP
Driven with normal current. Any channel that is below 50% of the target
current will time-out after 6ms.
Highest VF of CH0
through CH7
11
VOUT/LX shorted to
GND
LX current and timing are
monitored.
OVP pin monitored for
excursions below 20% of
OVP threshold
Fault switch disabled and system shutdown until fault goes away, VOUT is
checked at start-up with a low current from LX to check for presence of
short before the fault switch is enabled.
TABLE 1. PROTECTIONS TABLE (Continued)
CASE
FAILURE MODE
DETECTION MODE
FAILED CHANNEL ACTION
GOOD CHANNELS ACTION
VOUT REGULATED
BY
FIGURE 20. SMBUS INTERFACE
VIH
VIL
VIH
VIL
tR
tLOW
tHD:STA
tHD:DAT
tF
tHIGH
tSU:DAT
tSU:STA
S
S
P
P
tSU:STO
SMBDAT
SMBCLK
NOTES:
SMBus Description
S = Start condition
P = Stop condition
A = Acknowledge
A = Not acknowledge
R/W = Read enable at high; write enable at low
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com