Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5210CSZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # EL5210CSZ
Description  30MHz Rail-to-Rail Input-Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5210CSZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button EL5210CSZ Datasheet HTML 2Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 3Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 4Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 5Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 6Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 7Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 8Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 9Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
EL5210, EL5410
FN7185 Rev 3.00
Page 6 of 16
July 5, 2007
Typical Performance Curves
Input Bias Current vs Temperature
0
Temperature (°C)
-0.008
0.008
-0.004
-0.012
0.004
-50
-10
30
70
110
150
Output High Voltage vs Temperature
4.92
4.93
4.91
4.96
Output Low Voltage vs Temperature
-4.91
-4.87
-4.95
-4.85
Temperature (°C)
4.94
Temperature (°C)
-4.89
-4.93
-50
-10
30
70
110
150
4.95
-50
-10
30
70
110
150
VS=±5V
IOUT=5mA
VS=±5V
IOUT=5mA
Input Offset Voltage vs Temperature
1
2
Temperature (°C)
0
3
-50
-10
30
70
110
150
4
5
EL5410 Input Offset Voltage Distribution
200
Input Offset Voltage (mV)
0
500
400
100
300
Input Offset Voltage Drift, TCVOS (µV/°C)
5
0
25
15
20
10
EL5410 Input Offset Voltage Drift
VS=±5V
Typical
Production
Distortion
Typical
Production
Distortion
VS=±5V
TA=25°C
VS=±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com