Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5210CSZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # EL5210CSZ
Description  30MHz Rail-to-Rail Input-Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5210CSZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button EL5210CSZ Datasheet HTML 8Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 9Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 10Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 11Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 12Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 13Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 14Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 15Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
EL5210, EL5410
FN7185 Rev 3.00
Page 12 of 16
July 5, 2007
when sourcing, and
when sinking.
Where:
i = 1 to 2 for Dual and 1 to 4 for Quad
VS = Total Supply Voltage
ISMAX = Maximum Supply Current Per Amplifier
VOUTi = Maximum Output Voltage of the Application
ILOADi = Load current
If we set the two PDMAX equations equal to each other, we
can solve for RLOADi to avoid device overheat. Figure 3 and
Figure 4 provide a convenient way to see if the device will
overheat. The maximum safe power dissipation can be
found graphically, based on the package type and the
ambient temperature. By using the previous equation, it is a
simple matter to see if PDMAX exceeds the device's power
derating curves. To ensure proper operation, it is important
to observe the recommended derating curves shown in
Figure 3 and Figure 4.
FIGURE 3. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 4. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Unused Amplifiers
It is recommended that any unused amplifiers in a dual and
a quad package be configured as a unity gain follower. The
inverting input should be directly connected to the output
and the non-inverting input tied to the ground plane.
Driving Capacitive Loads
The EL5210 and EL5410 can drive a wide range of
capacitive loads. As load capacitance increases, however,
the -3dB bandwidth of the device will decrease and the
peaking increase. The amplifiers drive 10pF loads in parallel
with 1k
 with just 1.2dB of peaking, and 100pF with 6.5dB of
peaking. If less peaking is desired in these applications, a
small series resistor (usually between 5
 and 50) can be
placed in series with the output. However, this will obviously
reduce the gain slightly. Another method of reducing peaking
is to add a "snubber" circuit at the output. A snubber is a
shunt load consisting of a resistor in series with a capacitor.
Values of 150
 and 10nF are typical. The advantage of a
snubber is that it does not draw any DC load current or
reduce the gain.
Power Supply Bypassing and Printed Circuit
Board Layout
The EL5210 and EL5410 can provide gain at high frequency.
As with any high-frequency device, good printed circuit
board layout is necessary for optimum performance. Ground
plane construction is highly recommended, lead lengths
should be as short as possible and the power supply pins
must be well bypassed to reduce the risk of oscillation. For
normal single supply operation, where the VS- pin is
connected to ground, a 0.1µF ceramic capacitor should be
placed from VS+ to pin to VS- pin. A 4.7µF tantalum
capacitor should then be connected in parallel, placed in the
region of the amplifier. One 4.7µF capacitor may be used for
multiple devices. This same capacitor combination should be
placed at each supply pin to ground if split supplies are to be
used.
PDMAX
iV
S
ISMAX V
OUTiVS- 
ILOADi
–
+

=
50
150
400
800
Ambient Temperature (°C)
0
100
0
1200
25
75
1000
600
200
125
85
MAX TJ=125°C
TSSOP14
JA=100°C/W
SO8
JA=110°C/W
Packages Mounted on a JEDEC JESD51-7 High Effective
Thermal Conductivity Test Board
1.0W
1.136W
909mW
833mW
SO14
JA=88°C/W
MSOP8
JA=115°C/W
50
150
400
800
Ambient Temperature (°C)
0
100
0125
1200
25
75
1000
600
200
85
MAX TJ=125°C
TSSOP14
JA=165°C/W
SO8
JA=160°C/W
MSOP8
JA=206°C/W
SO14
JA=120°C/W
Packages Mounted on a JEDEC JESD51-3 Low Effective
Thermal Conductivity Test Board
833mW
606mW
625mW
485mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com