Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5210CSZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL5210CSZ
Description  30MHz Rail-to-Rail Input-Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5210CSZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL5210CSZ Datasheet HTML 4Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 5Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 6Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 7Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 8Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 9Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 10Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 11Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EL5210, EL5410
FN7185 Rev 3.00
Page 8 of 16
July 5, 2007
Typical Performance Curves (Continued)
Open Loop Gain and Phase vs Frequency
10
10k
100M
20
140
Frequency (Hz)
-60
100
1k
100k
1M
10M
100
-20
60
-50
250
-250
150
-150
50
Frequency Response for Various RL
1M
100M
-1
1
Frequency (Hz)
-5
10M
100k
3
-3
5
Phase
Gain
0
1M
100M
Frequency (Hz)
10M
100k
0
10
-30
20
-20
-10
Frequency Response for Various CL
Closed Loop Output Impedance vs Frequency
Frequency (Hz)
10k
100k
0
40
80
120
200
1M
160
30M
10M
RL=1k
AV=1
VS=±5V
AV=1
VS=±5V
TA=25°C
CMRR vs Frequency
30
Frequency (Hz)
80
70
60
40
50
10
100
1k
10k
100k
1M
10M 30M
VS=±5V
TA=25°C
Maximum Output Swing vs Frequency
Frequency (Hz)
10k
100k
0
2
4
1M
6
10M
8
10
VS=±5V
TA=25°C
AV=1
RL=1k
CL=12pF
Distortion <1%
VS=±5V TA=25°C
RL=1k to GND
CL=12pF to GND
1k
560
150
10k
AV=1
VS=±5V
CL=12pF
100pF
47pF
10pF
1000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com