Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8171FSZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL8171FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8171FSZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL8171FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
EL8171, EL8172
FN6293 Rev 6.00
Page 3 of 14
October 9, 2015
IO-
Output Sink Current into 10
 to V+/2
V+ = 5V
19
15
26
mA
V+ = 2.4V
5
4
7mA
AC SPECIFICATIONS
-3dB BW
-3dB Bandwidth
EL8171
Gain = 10V/V
450
kHz
Gain = 20
210
kHz
Gain = 50
66
kHz
Gain = 100
33
kHz
EL8172
Gain = 100
170
kHz
Gain = 200
70
kHz
Gain = 500
25
kHz
Gain = 1000
12
kHz
eN
Input Noise Voltage
EL8171
f = 0.1Hz to 10Hz
14
µVP-P
EL8172
10
µVP-P
Input Noise Voltage Density
EL8171
fo = 1kHz
220
nV/
Hz
EL8172
80
nV/
Hz
iN
Input Noise Current Density
EL8171, fo = 1kHz
0.9
pA/
Hz
EL8172, fo = 1kHz
0.2
pA/
Hz
CMRR @ 60Hz Input Common Mode Rejection Ratio
EL8171
VCM = 1VPP,
RL = 10kto VCM
85
dB
EL8172
100
dB
PSRR+ @
120Hz
Power Supply Rejection Ratio (V+)
EL8171
V+, V- = ±2.5V,
VSOURCE = 1VPP,
RL = 10kto VCM
90
dB
EL8172
92
dB
PSRR- @
120Hz
Power Supply Rejection Ratio (V-)
EL8171
V+, V- = ±2.5V,
VSOURCE = 1VPP,
RL = 10kto VCM
97
dB
EL8172
92
dB
TRANSIENT RESPONSE
SR
Slew Rate
RL = 1k to GND
0.4
0.35
0.55
0.7
0.7
V/µs
NOTES:
1. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications
V+ = +5V, V- = GND, VCM = 1/2V+, RL = Open, TA = +25°C, unless otherwise specified. Boldface limits apply
over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com