Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8171FSZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL8171FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8171FSZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL8171FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
EL8171, EL8172
FN6293 Rev 6.00
Page 4 of 14
October 9, 2015
Typical Performance Curves V+ = 5V, V- = 0V,VCM = 2.5V, RL = Open, unless otherwise specified.
FIGURE 1. EL8171 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN
FIGURE 2. EL8172 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN
FIGURE 3. EL8171 FREQUENCY RESPONSE vs SUPPLY
VOLTAGE
FIGURE 4. EL8172 FREQUENCY RESPONSE vs SUPPLY
VOLTAGE
FIGURE 5. EL8171 FREQUENCY RESPONSE vs CLOAD
FIGURE 6. EL8172 FREQUENCY RESPONSE vs CLOAD
10
20
30
40
50
60
70
GAIN = 500
GAIN = 1000
GAIN = 200
GAIN = 100
GAIN = 50
GAIN = 20
GAIN = 10
COMMON-MODE INPUT = 1/2V+
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
30
40
50
60
70
80
90
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
GAIN = 1,000
GAIN = 10,000
GAIN = 500
GAIN = 2,000
GAIN = 5,000
GAIN = 200
GAIN = 100
COMMON-MODE INPUT = 1/2V+
25
20
15
10
5
0
V+ = 2.4V
V+ = 5V
AV = 10
RL = 10k
CL = 10pF
RF/RG = 10
RF = 1k
RG = 100
100
10k
1k
100k
1M
FREQUENCY (Hz)
10
100
10k
1k
100k
1M
45
40
35
30
25
20
15
10
5
0
FREQUENCY (Hz)
V+ = 5V
V+ = 2.4V
AV = 100
RL = 10k
CL = 10pF
RF/RG = 100
RF = 10k
RG = 100
10
25
20
15
10
5
100
10k
1k
100k
1M
FREQUENCY (Hz)
10
AV = 10
R = 10k
CL = 10pF
RF/RG = 10
RF = 10k
RG = 100
220pF
470pF
820pF
100pF
100
10k
1k
100k
1M
FREQUENCY (Hz)
10
50
45
40
35
30
25
AV = 10
R = 10k
CL = 10pF
RF/RG = 10
RF = 10k
RG = 100
56pF
1200pF
2200pF
820pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com